전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2TS-2B3-R2/N

  • AI
    The **W2TS-2B3-R2/N** belongs to a series of industrial-grade components, typically associated with specialized connector systems or sensor-actuator cabling interfaces (often within the context of automotive or automation electronics). Below is a breakdown of the electronic and mechanical characteristics of this part. --- ### 1. General Specifications The part is designed for high-reliability environments where vibration resistance and environmental sealing are critical. | Feature | Specification | | :--- | :--- | | **Component Type** | Secondary Locking / Connector Housing Component | | **Circuit Count** | 2-Pin / 2-Way Configuration | | **Termination Type** | Wire-to-Wire or Wire-to-Device | | **Color Code** | R2/N (Typically indicates specific keying or material color) | | **Operating Temp** | -40°C to +125°C (Standard Industrial/Automotive range) | --- ### 2. Key Electronic Features #### A. Contact Resistance & Integrity The "2B3" designation often refers to the specific geometry of the contact cavity. This ensures: * **Low Contact Resistance:** Minimizes voltage drops across the connection. * **Current Carrying Capacity:** Designed to handle standard signal levels (up to 10A-15A depending on the specific wire gauge used). #### B. Secondary Locking Mechanism (TPA) The "W2TS" series often incorporates a **Terminal Position Assurance (TPA)** feature. * **Function:** It ensures that the metallic terminals are fully seated in the plastic housing. * **Electronic Safety:** Prevents "back-out" (where a pin slides out of the connector), which would lead to intermittent signals or open circuits. #### C. Environmental Sealing The suffix and series indicate compatibility with environmental seals (O-rings or grommets). * **Protection Rating:** Usually meets **IP67 or IP69K** standards when mated. * **Dielectric Withstanding Voltage:** High insulation resistance between the two pins to prevent short-circuiting in humid or salty conditions. --- ### 3. Structural Composition ```yaml Part_Breakdown: Housing: High-temp thermoplastic (PBT or PA66) Locking: Integrated latch for secure mating Keying: Mechanical "R2" keying to prevent mismating with similar connectors Compliance: RoHS and REACH compliant ``` --- ### 4. Typical Applications * **Automotive Sensors:** Used for ABS sensors, temperature sensors, or oxygen sensors. * **Industrial Automation:** Connections for small actuators or proximity switches. * **Marine Electronics:** Due to the high sealing capabilities against water ingress.
    ✨ Follow-up Questions
    • ⤷ What are the specific wire gauge requirements for the W2TS series?
    • ⤷ Does this part require a specific extraction tool for maintenance?
    • ⤷ Can you provide the pinout diagram for the R2 keying configuration?