W2TS-2BY-R2/CE
AI

The **W2TS-2BY-R2/CE** is a high-precision, industrial-grade temperature transmitter manufactured by **Watanabe Electric Industry**. It is designed to convert signals from a temperature sensor (specifically a Thermocouple) into a standard DC output signal.
---
## 1. Technical Specifications
The following table summarizes the primary electronic characteristics of the unit:
| Feature | Specification |
| :--- | :--- |
| **Input Type** | Thermocouple (specified at time of order) |
| **Output Range** | R2: 4 to 20 mA DC |
| **Power Supply** | CE: 100-240V AC (50/60 Hz) |
| **Accuracy** | ±0.1% of span (typical) |
| **Response Time** | 0.5 seconds or less (0 to 90%) |
| **Isolation** | Input / Output / Power (2000V AC for 1 minute) |
| **Mounting** | DIN Rail or wall mounting |
---
## 2. Model Breakdown (Nomenclature)
Understanding the electronic capabilities requires breaking down the part number:
- **W2TS**: The series designation (Slim 2-wire or 4-wire type signal conditioner).
- **2BY**: Refers to the specific input configuration (Thermocouple input with a built-in cold junction compensation).
- **R2**: Defines the output signal (4 to 20 mA DC current loop).
- **CE**: Indicates the power supply voltage (100-240V AC) and compliance with European CE standards.
---
## 3. Electronic Components & Functionality
### Input Circuitry (Thermocouple)
The input stage includes a high-impedance amplifier and a **Cold Junction Compensation (CJC)** circuit. This ensures that the transmitter accounts for the ambient temperature at the connection terminals, preventing measurement errors caused by the "cold" end of the thermocouple.
### Signal Processing
The device utilizes a linearizer circuit to convert the non-linear voltage output of the thermocouple into a linear DC current. This ensures that the 4-20mA output is directly proportional to the temperature scale.
### Isolation and Protection
- **Galvanic Isolation:** The device provides three-way isolation between the input, output, and power supply. This protects sensitive PLC/DCS inputs from ground loops and electrical noise common in industrial environments.
- **Burnout Protection:** It features a burnout function (selectable high or low) which forces the output to a specific state (e.g., 20mA or 4mA) if the thermocouple wire breaks.
---
## 4. Wiring Diagram Representation
The unit typically follows this terminal layout for electronic integration:
```text
[ Power Supply ] [ Input ] [ Output ]
(1) L (+) (4) + (TC) (7) + (4-20mA)
(2) N (-) (5) - (TC) (8) - (4-20mA)
(3) Ground (6) N.C.
```
---
- ⤷
What is the specific thermocouple type (J
- ⤷ K
- ⤷ T
- ⤷ etc.) required for this model?
- ⤷ Does this transmitter support HART communication for remote calibration?
- ⤷ What are the ambient temperature limits for the W2TS series during operation?