전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2TS-312-R/N

  • AI
    ## Technical Overview of the W2TS-312-R/N The **W2TS-312-R/N** is a specific model within a series of industrial-grade **Temperature Transmitters** (often associated with brands like Wise or similar industrial sensor manufacturers). These devices are designed to convert signals from temperature sensors (like RTDs or Thermocouples) into a standardized analog output for PLC or DCS systems. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Type** | RTD (Pt100Ω) or Thermocouple (K, J, E, T, etc.) | | **Output Signal** | 4 ~ 20 mA DC (Standard 2-wire system) | | **Power Supply** | 12 ~ 36 V DC | | **Accuracy** | ±0.1% to ±0.2% of Full Scale | | **Isolation** | Input/Output isolated (Standard in "N" or "R" variants) | | **Mounting** | DIN Rail or Head-mount (depending on housing) | --- ### 2. Breakdown of the Part Number * **W2TS**: Series designation (Standard Temperature Transmitter). * **312**: Specific internal circuit design/range configuration. * **R/N**: * **R**: Often indicates a **Resistance** input (RTD Pt100). * **N**: Usually indicates a **Non-isolated** or **Normal** configuration, though in some specific catalogs, it can refer to the output calibration type. --- ### 3. Core Electronic Components The internal circuitry of the W2TS-312 series consists of several critical electronic stages: 1. **Input Conditioning Bridge**: For RTD models (R), a Wheatstone bridge circuit is used to detect minute changes in resistance as temperature fluctuates. 2. **Amplifier Stage**: Uses high-precision operational amplifiers (Op-Amps) to boost the millivolt signals from the sensor. 3. **Linearization Circuit**: Temperature sensors are not perfectly linear. The electronics include a compensation circuit to ensure the 4-20mA output is proportional to the temperature, not just the raw voltage. 4. **V/I Converter**: Converts the processed voltage into a stable current loop (4-20mA). Current is used because it is resistant to electrical noise over long cable distances. 5. **Protection Diode**: Most units include a reverse polarity protection diode to prevent damage if the DC power leads are swapped. --- ### 4. Wiring Diagram (Typical) ```text [ Power Supply + ] ---- ( + ) Terminal | [ W2TS-312 ] | [ PLC Input / Load ] -- ( - ) Terminal ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the W2TS-312 housing?
    • ⤷ How do I calibrate the zero and span settings on this transmitter?
    • ⤷ Can this model be used with a 3-wire RTD sensor?