전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2TS-3AA-R/CE

  • AI
    The **W2TS-3AA-R/CE** is a specialized electronic component, typically categorized as a **Terminal Block Relay Module** or an **Interface Relay**. These units are widely used in industrial automation to act as a bridge between low-power control signals (like those from a PLC) and high-power loads. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | Terminal Block Interface Relay | | **Input Voltage (Coil)** | 24V DC (Standard for 3AA series) | | **Output Type** | Electromechanical Relay (Changeover/SPDT) | | **Contact Rating** | Usually 6A at 250V AC / 30V DC | | **Mounting Style** | DIN Rail (35mm) | | **Wiring Method** | Screw or Push-in Terminals | | **Status Indicator** | Integrated LED (usually Green or Red) | --- ### 2. Functional Electronic Parts The device consists of several critical internal and external sections: #### A. Input Section (Control Side) * **The Coil:** An electromagnetic coil that energizes when 24V DC is applied. * **Protection Diode:** Often includes a "Freewheeling Diode" (Flyback diode) to prevent voltage spikes from damaging the PLC outputs when the coil is switched off. * **LED Indicator:** A low-power light-emitting diode connected in parallel with the coil to provide visual confirmation of signal presence. #### B. Output Section (Switching Side) * **Contacts:** Silver alloy contacts designed to handle AC or DC loads. * **Configuration:** Typically **1C (SPDT)**, meaning it has one Common (COM), one Normally Open (NO), and one Normally Closed (NC) terminal. #### C. Housing and Isolation * **Galvanic Isolation:** One of the most important electronic features. It physically separates the control circuit (PLC) from the load circuit (Motors/Solenoids), protecting sensitive electronics from high-voltage surges. --- ### 3. Application Use Cases * **Signal Amplification:** Using a 10mA PLC signal to switch a 6A motor starter. * **Voltage Conversion:** Controlling a 220V AC load using a 24V DC control signal. * **Electrical Isolation:** Protecting a controller from electrical noise generated by inductive loads. --- ### 4. Wiring Diagram Overview | Terminal Label | Function | Description | | :--- | :--- | :--- | | **A1 / A2** | Input | Connects to the 24V DC control source. | | **11 (Common)** | Output | The common feed for the load. | | **14 (NO)** | Output | Normally Open; closes when energized. | | **12 (NC)** | Output | Normally Closed; opens when energized. |
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for this relay?
    • ⤷ Does this model support internal fuse protection?
    • ⤷ Can the relay module be replaced without disconnecting the wiring?