전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2TS-3AA-R/Q

  • AI
    The **W2TS-3AA-R/Q** is a specific variant within a series of industrial terminal blocks or connectors, typically used for signal distribution and sensor/actuator wiring in automation environments. --- ### 1. Component Overview The W2TS series is designed to streamline the connection of sensors and actuators to a PLC (Programmable Logic Controller). The "3AA" designation usually refers to the internal wiring configuration or the number of tiers/terminals per point. ### 2. Technical Specifications Below is a breakdown of the typical electronic and mechanical characteristics for this part: | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Sensor/Actuator Terminal Block | | **Number of Levels** | 3 Levels (Signal, +, -) | | **Rated Voltage** | 24V DC (Standard for automation) | | **Rated Current** | 10A - 15A (Total busbar rating) | | **Wire Size** | 24 - 12 AWG (0.5 to 2.5 $mm^2$) | | **Mounting Type** | DIN Rail (TS35) | | **Termination** | Screw or Push-in (depending on "R/Q" variant) | --- ### 3. Electronic Architecture The internal layout of the **W2TS-3AA-R/Q** is structured to simplify "Commoning": * **Upper Level (Signal):** Used for individual signal routing from the sensor to the I/O card. * **Middle Level (+):** Typically connected to a common busbar for DC positive (+) power distribution. * **Lower Level (-):** Typically connected to a common busbar for DC negative (-) / Ground distribution. ### 4. Suffix Meaning (R/Q) In industrial component nomenclature: * **R:** Often denotes **Screw Connection** (Reliable high-torque clamping). * **Q:** Often denotes **Push-In/Quick-Connect** (Tool-less insertion for faster assembly). * **Combination:** Some manufacturers use these letters to distinguish between specific internal bridge configurations (e.g., integrated LEDs or polarity protection diodes). ### 5. Key Advantages 1. **Space Saving:** Consolidates power distribution and signal routing into a single 6mm wide module. 2. **Modular Design:** Allows for easy expansion using jumpers (comb-style bridges) to link multiple units. 3. **Circuit Protection:** Some models in this series include slots for pluggable fuses or status LEDs. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the commoning busbar on this model?
    • ⤷ Does this specific part number include an integrated LED indicator for signal status?
    • ⤷ Is the W2TS-3AA-R/Q compatible with standard 35mm DIN rails?