전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2TS-42A-R

  • AI
    The **W2TS-42A-R** is a specific model within the series of **Tactile Switches**. These components are fundamental in human-machine interfaces, providing physical feedback to the user when a button is pressed. --- ## 1. Component Specification Based on the standard nomenclature for this series, here are the technical characteristics: | Property | Description | | :--- | :--- | | **Component Type** | Tactile Switch (Momentary) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Actuator Type** | Standard Round Button | | **Operating Force** | Typically 160gf to 250gf (Common for 'A' variants) | | **Contact Arrangement** | SPST - NO (Single Pole Single Throw - Normally Open) | | **Termination Style** | Gull-wing or J-bend leads for PCB soldering | | **RoHS Status** | Compliant (Indicated by the '-R' suffix) | --- ## 2. Key Internal Electronic Parts A tactile switch like the W2TS-42A-R consists of several internal layers working together to complete an electrical circuit: ### A. The Metal Dome (The Heart) This is a circular or cross-shaped piece of stainless steel. It acts as the "spring" and the "conductor." - **Function:** When pressed, it collapses (providing the "click" feel) and touches the bottom contacts to close the circuit. ### B. Actuator (The Stem) The physical part you press with your finger or a plastic button cap. - **Function:** It transfers the downward force from the user to the metal dome. ### C. Base (Housing) Usually made of high-temperature resistant thermoplastic (like LCP or Nylon). - **Function:** It holds the stationary contacts and provides the structure for the switch to be soldered to the PCB. ### D. Terminals (Contacts) Silver-plated or gold-plated copper alloy pins. - **Function:** These exit the housing to connect to the traces on your circuit board. --- ## 3. Electrical Characteristics To ensure the part functions correctly in a circuit, the following limits must be observed: * **Current Rating:** Usually 50mA at 12V DC. * **Contact Resistance:** Typically $<100\text{m}\Omega$. * **Insulation Resistance:** $>100\text{M}\Omega$ at 100V DC. * **Dielectric Strength:** 250V AC for 1 minute. --- ## 4. Application Use Cases The "W2TS" series is widely used in compact electronics due to its small footprint: 1. **Consumer Electronics:** Reset buttons on routers, volume buttons on tablets. 2. **Industrial:** Interface panels for machinery. 3. **Automotive:** Steering wheel controls or dashboard navigation.
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions (footprint) of the W2TS-42A-R?
    • ⤷ What is the expected mechanical life cycle (MTBF) for this switch?
    • ⤷ Does this model offer IP67 water resistance?