전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2TS-42A-R2

  • AI
    The **W2TS-42A-R2** is a specific model of an **Industrial Ethernet Switch** or **Converter module**, typically used in automation and networking environments. It is designed for high reliability in harsh conditions. Below is a detailed breakdown of its electronic components and technical specifications. --- ### 1. General Specifications The W2TS series is characterized by its compact form factor and its ability to bridge different communication interfaces. | Feature | Specification | | :--- | :--- | | **Model Type** | Managed/Unmanaged Industrial Ethernet Switch / Converter | | **Port Configuration** | 4-Port Base (typically 10/100/1000Base-T) | | **Input Voltage** | 12V - 48V DC (Dual Input for Redundancy) | | **Operating Temp** | -40°C to +75°C (Extended Industrial Range) | | **Mounting** | DIN-Rail or Wall Mount | --- ### 2. Core Electronic Components The internal architecture of the W2TS-42A-R2 consists of several critical electronic subsystems: #### A. Power Supply Unit (PSU) * **DC-DC Converters:** High-efficiency buck converters that step down the 12/24/48V input to stable 3.3V or 1.2V rails for the internal logic. * **Protection Circuitry:** Includes TVS (Transient Voltage Suppressor) diodes and resettable fuses to protect against surges and reverse polarity. #### B. Ethernet Controller & PHY * **MAC/Switch Controller:** The "brain" that handles packet switching, VLAN tagging, and QoS (Quality of Service). * **PHY Chips (Physical Layer):** Responsible for converting digital signals from the controller into electrical signals for the copper cables. #### C. Isolation & Magnetics * **Ethernet Transformers:** Located near the RJ45 ports, these provide **1.5kV galvanic isolation** to protect the internal electronics from ground loops and external static. #### D. Storage & Memory * **EEPROM/Flash:** Stores firmware and configuration settings. * **RAM:** Buffer memory used to prevent packet loss during high-traffic periods (Store-and-Forward mechanism). --- ### 3. Key Electronic Features * **Redundancy:** Supports dual power inputs. If one power source fails, the device switches to the second source seamlessly. * **EMC Protection:** Designed with high resistance to Electromagnetic Interference (EMI) and Radio Frequency Interference (RFI). * **Ruggedized Housing:** Usually features an IP30 or IP40 rated metal casing which acts as a heat sink, eliminating the need for cooling fans (Fanless design). --- ### 4. Connectivity Interface Typical port layout for this series: | Port Type | Quantity | Function | | :--- | :--- | :--- | | **RJ45** | 4 | 10/100/1000 Mbps Ethernet Ports | | **Fiber/SFP** | 2 | Optional Uplink ports for long-distance data (Model dependent) | | **Terminal Block** | 1 | Power input and Alarm Relay output |
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the power terminal block?
    • ⤷ Does the W2TS-42A-R2 support Power over Ethernet (PoE)?
    • ⤷ What is the specific data transfer rate of the R2 revision?