전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2TS-4AB-R/CE

  • AI
    The **W2TS-4AB-R/CE** is a specialized precision sensing component, typically associated with temperature control and thermal safety in industrial applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Product Overview The W2TS series generally refers to **Temperature Sensors** or **Thermal Cut-offs** designed for high-accuracy environments. The "CE" suffix indicates compliance with European Union safety, health, and environmental protection requirements. ### Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Platinum Resistance Temperature Detector (RTD) / Thermal Switch | | **Output Type** | Analog Resistance or Contact Switch (depending on configuration) | | **Sensitivity** | High precision with low thermal lag | | **Compliance** | CE Certified, RoHS compliant | | **Mounting Style** | Integrated lead wires or terminal block | --- ## 2. Component Breakdown The part number can be decoded into specific functional attributes: ### A. Sensing Element The core of the unit utilizes a **Platinum (Pt)** element. These are preferred in industrial electronics because: * **Linearity:** They offer a predictable change in resistance relative to temperature. * **Stability:** They do not drift significantly over long periods of operation. ### B. Electrical Interface (R/CE) * **The "R" Suffix:** Usually denotes a specific **Resistance** value (often Pt100 or Pt1000) or a **Relay** output capability. * **The "4AB" Designation:** Refers to the physical form factor, including the diameter of the probe and the lead wire insulation (likely Teflon or Fiberglass for heat resistance). --- ## 3. Key Electronic Characteristics To integrate this part into a circuit, the following electronic parameters are critical: 1. **Operating Voltage:** Typically passive (if RTD) or up to 24V DC / 250V AC if acting as a thermal switch. 2. **Accuracy Class:** Usually Class A or Class B (IEC 751 standards). 3. **Insulation Resistance:** High-grade ceramic or epoxy insulation to prevent short circuits at high temperatures. 4. **Response Time:** Optimized for rapid thermal transfer from the environment to the internal sensor. --- ## 4. Application Areas These parts are commonly found in the following electronic systems: * **HVAC Controllers:** Monitoring ambient or duct temperature. * **Industrial Ovens:** Ensuring the heating element does not exceed safety limits. * **Medical Equipment:** High-precision temperature monitoring for sensitive fluids. * **Power Supplies:** Thermal protection for high-wattage transformers. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value at 0°C for the W2TS-4AB-R model?
    • ⤷ Can this sensor be interfaced directly with an Arduino or PLC?
    • ⤷ What is the maximum operating temperature range for this specific CE-rated part?