W2TS-4AC-R2/Q
AI

The **W2TS-4AC-R2/Q** is a high-precision, space-saving signal conditioner (transmitter) manufactured by **M-System**. This specific model is designed to convert two independent DC input signals into two isolated DC output signals.
---
### ## Technical Specifications
Below is a breakdown of the electronic characteristics and configurations for this specific model:
| Feature | Specification |
| :--- | :--- |
| **Model Series** | W2TS (Two-wire Transmitter / Signal Conditioner) |
| **Input Type** | 4: 0 – 10V DC |
| **Output Type** | A: 4 – 20mA DC |
| **Power Input** | C: 15V DC |
| **Version/Option** | R2: High-speed response / Q: Optional custom specs |
| **Mounting** | DIN Rail or Surface Mount |
| **Isolation** | 3-Port (Input to Output to Power) |
---
### ## Core Electronic Components & Architecture
1. **Dual-Channel Circuitry**:
The "W2" prefix indicates a "Double-Output" or dual-channel unit. It houses two independent signal conditioning circuits within a single narrow housing, effectively doubling the density in a control panel.
2. **Isolation Barrier**:
The unit utilizes internal photocouplers or transformers to provide galvanic isolation. This prevents ground loops and protects sensitive PLC/DCS inputs from high-voltage surges on the field side.
3. **A/D and D/A Conversion**:
The device samples the 0-10V analog input, processes it through a microprocessor (in modern iterations), and reconstructs a precise 4-20mA current loop output.
4. **Zero/Span Adjustments**:
Located on the front panel, these potentiometers allow for fine-tuning the electronic calibration to compensate for sensor drift or line resistance.
---
### ## Key Features
* **High-Speed Response (R2)**: The "R2" designation typically refers to a modified time constant, allowing the electronics to process signal changes much faster than standard industrial transmitters (often < 0.5ms or 2ms depending on exact revision).
* **Compact Footprint**: Designed to minimize cabinet space, utilizing a plug-in base for easy maintenance without disconnecting wiring.
* **Quality Mark (Q)**: The "/Q" suffix usually indicates a specific quality requirement, such as a certificate of compliance, special testing, or tropicalization (coating for moisture resistance).
---
- ⤷
What are the wiring diagrams for the 4-20mA output loops?
- ⤷ How do I calibrate the Zero and Span for this specific model?
- ⤷ What is the maximum load resistance supported by the output?