전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2TS-4B3-R2/Q

  • AI
    The **W2TS-4B3-R2/Q** is a specific model within the **W2TS series** of miniature photoelectric sensors, typically manufactured by **SICK AG**. These sensors are designed for high-precision detection in space-critical industrial automation applications. --- ### 1. Key Technical Specifications The following table summarizes the primary electronic and operational characteristics of this sensor: | Feature | Specification | |:---|:---| | **Sensor Principle** | Photoelectric Proximity Sensor (BGS - Background Suppression) | | **Sensing Range** | Typically 1 mm to 30 mm (adjustable) | | **Light Source** | PinPoint LED (Visible red light) | | **Supply Voltage ($V_s$)** | 10 V DC ... 30 V DC | | **Switching Output** | PNP (Complimentary / Push-Pull depending on configuration) | | **Switching Mode** | Light/dark switching (selectable) | | **Response Time** | < 0.5 ms | | **Connection Type** | M8, 4-pin male connector (or cable depending on sub-variant) | | **Enclosure Rating** | IP67 / IP69K | --- ### 2. Core Electronic Components & Logic The "W2" family utilizes advanced micro-electronics to achieve its small form factor: #### A. PinPoint LED Technology Unlike standard LEDs, the **PinPoint LED** used in this part emits a highly concentrated, small, and well-defined light spot. This allows the electronic receiver to distinguish between the target object and the background with extreme accuracy. #### B. Background Suppression (BGS) The internal electronics utilize a dual-receiver element (often a PSD - Position Sensitive Device). * **Logic:** The sensor measures the *angle* of the returning light rather than just the intensity. * **Benefit:** This allows the sensor to detect dark objects against a light background reliably, ignoring any objects beyond the set sensing distance. #### C. Output Electronics * **Protection:** The output stage includes short-circuit protection and reverse polarity protection. * **Signal Integrity:** Integrated interference suppression ensures that high-frequency electronic noise from nearby motors or drives does not cause false triggering. --- ### 3. Application Use Cases Due to its miniature size and precise electronic "eye," it is commonly used in: 1. **Electronics Assembly:** Detecting small PCBs or tiny SMD components. 2. **Pharmaceuticals:** Checking for the presence of vials or blister packs. 3. **Robotics:** End-of-arm tooling where weight and space are limited. --- ### 4. Wiring Diagram Reference The typical M8 4-pin configuration for these sensors follows industrial standards: | Pin | Wire Color | Function | |:---:|:---|:---| | 1 | Brown | + (10-30 V DC) | | 2 | White | Complementary Output (Q/) | | 3 | Blue | - (0 V / Ground) | | 4 | Black | Main Switching Output (Q) |
    ✨ Follow-up Questions
    • ⤷ What is the difference between Background Suppression (BGS) and Energetic sensors?
    • ⤷ Can this sensor be used in washdown environments?
    • ⤷ How do I adjust the sensing range on the W2TS series?