W2TS-N12-R
AI

The **W2TS-N12-R** is a high-performance miniature photoelectric sensor, typically manufactured by brands like **SICK** (as part of the W2 series). These sensors are engineered for precision detection in space-constrained industrial automation environments.
---
### 1. Technical Specifications
The following table highlights the core electronic and operational parameters:
| Parameter | Specification |
| :--- | :--- |
| **Sensor Principle** | Photoelectric Proximity (BGS - Background Suppression) |
| **Supply Voltage ($V_s$)** | 10 V DC to 30 V DC |
| **Output Type** | NPN (Open Collector) |
| **Switching Mode** | Light/Dark switching (via control wire) |
| **Sensing Range** | ~1 mm to 15 mm (fixed) |
| **Light Source** | PinPoint LED (Visible Red Light) |
| **Response Time** | < 0.5 ms |
| **Connection Type** | Cable, 3-wire or 4-wire (depending on specific sub-variant) |
---
### 2. Key Electronic Features
#### A. Background Suppression (BGS)
The "TS" designation often indicates a specialized sensing logic. Unlike standard proximity sensors, BGS technology allows the sensor to detect very small or dark objects against a bright background. It measures the **angle** of the returning light rather than just the intensity, preventing false triggers from background reflections.
#### B. PinPoint LED Technology
The sensor utilizes a PinPoint LED which produces a highly concentrated, small, and well-defined light spot.
* **Precision:** Allows for detection of tiny parts or through small gaps.
* **Alignment:** The visible red light makes physical alignment during installation much easier.
#### C. Output Circuitry (NPN)
As an **NPN** sensor, the load is connected between the positive supply and the output wire. When the sensor is triggered, it "sinks" the current to the negative rail (0V).
---
### 3. Wiring Diagram (Typical)
To integrate the W2TS-N12-R into a PLC or control circuit, the following standard wire color coding is generally used:
```yaml
Brown: Positive (+10V to 30V DC)
Blue: Negative (0V / Ground)
Black: Control Output (NPN Signal)
White: Mode Selection (Light/Dark switching - if 4-wire)
```
---
### 4. Typical Applications
* **Electronics Assembly:** Detecting the presence of small SMD components or PCBs.
* **Pharmaceuticals:** Counting small vials or blister packs on high-speed conveyors.
* **Robotics:** End-of-arm tooling for precise part pickup.
---
- ⤷
What is the difference between NPN and PNP output in photoelectric sensors?
- ⤷ How do I wire this sensor to a standard PLC input?
- ⤷ Can the sensing range of the W2TS-N12-R be adjusted manually?