W2TS-NBC-R/CE
AI

The **W2TS-NBC-R/CE** is a specialized precision sensing component, typically associated with the **W2TS series** of photoelectric sensors produced by manufacturers like **Sick** or similar industrial automation brands. These sensors are designed for high-performance detection in compact spaces.
---
### 1. Technical Specifications
The following table outlines the primary electronic and physical characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Sensor Type** | Photoelectric Retro-reflective Sensor |
| **Light Source** | PinPoint LED (Visible Red Light) |
| **Supply Voltage** | 10 V DC ... 30 V DC |
| **Output Type** | NPN (Open Collector) |
| **Switching Mode** | Light/Dark switching (Complementary) |
| **Response Time** | < 0.5 ms |
| **Connection Type** | Cable with connector or flying leads (Model specific) |
| **Housing Material** | Plastic (ABS/VISTAL™) |
---
### 2. Key Electronic Features
#### A. PinPoint LED Technology
Unlike standard LEDs, the **PinPoint LED** used in this series provides a highly concentrated, small, and well-defined light spot. This allows the sensor to:
* Detect very small objects.
* Maintain high accuracy even when mounted at slight angles.
* Simplify alignment during installation.
#### B. Output Logic (NPN)
The `NBC` designation indicates the electronic output logic:
* **NPN Output:** The sensor switches the load to the negative (0V) rail.
* **Complementary Output:** It usually provides both NO (Normally Open) and NC (Normally Closed) signals, allowing for versatile integration into PLC logic.
#### C. Interference Immunity
The internal circuitry is designed to filter out "optical noise" from ambient lighting (like fluorescent lamps) and electronic "crosstalk" from adjacent sensors, ensuring a stable signal.
---
### 3. Application Use Cases
This specific part is engineered for environments where space is limited but high reliability is required:
1. **Robotic Grippers:** Detecting the presence of small components.
2. **Packaging Lines:** Counting high-speed items or detecting transparent film (if equipped with specialized optics).
3. **Electronics Assembly:** Precise positioning of PCBs (Printed Circuit Boards).
---
### 4. Circuit Diagram (Generic Representation)
```mermaid
graph LR
VCC[+10...30V DC - Brown] --> Sensor
Sensor --> OUT1[NPN Output - Black]
Sensor --> OUT2[NPN Output - White]
GND[0V - Blue] --> Sensor
```
- ⤷
What is the maximum sensing distance for the W2TS series?
- ⤷ How does NPN wiring differ from PNP in this sensor?
- ⤷ What is the IP rating for the W2TS-NBC-R/CE housing?