AI

The **W2TS-NBC-R2/CE** is a specialized electronic component, typically categorized as a **Temperature Transmitter** or a **Signal Conditioner** (often associated with the W2 Series by manufacturers like M-System or similar industrial control brands).
These devices are designed to convert signals from temperature sensors (like Thermocouples or RTDs) into a stable, isolated analog output signal suitable for PLCs or DCS systems.
---
## 1. Technical Specifications
The "W2TS" series generally refers to a **Dual-Output** Slim Terminal Block Signal Conditioner. Below are the typical electronic characteristics for this specific model:
| Feature | Specification Details |
| :--- | :--- |
| **Input Type** | Thermocouple (Various types like K, E, J, T, B, R, S, N) |
| **Output 1** | DC Voltage or Current (Standard 4–20mA or 1–5V DC) |
| **Output 2** | DC Voltage or Current (Dual independent outputs) |
| **Power Supply** | Usually 24V DC (range 10.8 – 26.4V DC) |
| **Isolation** | 3-way or 4-way isolation (Input to Output to Power) |
| **Mounting** | DIN Rail Mounting |
| **Accuracy** | Approx. ±0.1% of span |
---
## 2. Key Electronic Components & Functions
The internal circuitry of the W2TS-NBC-R2/CE consists of several critical stages:
### A. Input Conditioning (The "N" in NBC)
* **Cold Junction Compensation (CJC):** Since thermocouples measure temperature differences, the device includes a thermistor or transistor-based sensor at the terminal block to compensate for the ambient temperature at the connection point.
* **Burnout Protection:** A circuit that forces the output to a specific level (high or low) if the sensor wire breaks.
### B. Signal Isolation
* **Optocouplers/Transformers:** To prevent ground loops and protect sensitive PLC equipment from high-voltage surges on the field side, the electronics use galvanic isolation between the input, power, and outputs.
### C. Digital Processing (The "Microprocessor")
* **A/D Converter:** Converts the tiny millivolt (mV) signal from the thermocouple into a digital value.
* **Linearization:** Thermocouples are non-linear; the internal software applies a curve-fitting algorithm to ensure the output is proportional to the actual temperature.
### D. Output Stage
* **D/A Converter:** Converts the processed digital signal back into an analog 4-20mA or 1-5V signal.
* **Dual Drivers:** The "W" in the series signifies two outputs, meaning the internal electronics split the signal into two isolated paths.
---
## 3. Component Breakdown (Naming Convention)
While specific to the manufacturer's catalog, the suffix usually breaks down as follows:
1. **W2TS:** Series code (Dual output temperature transmitter).
2. **N:** Input type (Typically refers to a specific Thermocouple range).
3. **B:** Output 1 type (e.g., 2–10V or 4–20mA).
4. **C:** Output 2 type.
5. **R2:** Power input specification (Often 24V DC).
6. **CE:** Conformité Européenne (Meets European safety, health, and environmental protection requirements).
---
## 4. Wiring Diagram Overview
For a standard installation, the electronic connections are arranged as follows:
```text
[ Sensor Side ] ----> [ W2TS-NBC-R2/CE ] ----> [ Controller Side ]
(TC +/-) (Terminals 1-2) (Out 1: 4-20mA)
(Out 2: 1-5V)
(Power: 24V DC)
```
- ⤷What is the specific temperature range for the 'N' input type on this model?
- ⤷ How do I calibrate the zero and span on the W2TS series?
- ⤷ What are the specific wiring pinouts for the W2TS-NBC-R2/CE?