W2TS-NBC-R2/Q
AI

The **W2TS-NBC-R2/Q** is a high-performance industrial wireless transmitter typically used in sensor networking and remote monitoring systems. It is designed to convert analog or digital signals into a wireless format for long-range transmission.
---
### 1. Key Technical Specifications
The following table outlines the primary electronic characteristics of the unit:
| Feature | Specification |
| :--- | :--- |
| **Input Type** | Multi-input (Thermocouple, RTD, DC Voltage/Current) |
| **Wireless Protocol** | IEEE 802.15.4 (Proprietary or ZigBee-based stacks) |
| **Frequency Band** | 2.4 GHz ISM Band |
| **Transmission Range** | Up to 1km (Line of sight, depending on antenna) |
| **Power Supply** | 10–30V DC or Internal Battery (model dependent) |
| **Output** | Wireless Digital Signal / RS-485 Modbus RTU |
| **Protection Rating** | IP65 / NEMA 4X |
---
### 2. Electronic Component Breakdown
#### A. Signal Conditioning Module
This section handles the raw input from sensors. It utilizes high-precision **Analog-to-Digital Converters (ADCs)** to ensure that the data being sent wirelessly is accurate. It includes:
* **Galvanic Isolation:** Protects the internal circuitry from high-voltage spikes on the input lines.
* **Cold Junction Compensation:** Specifically for thermocouple inputs to ensure temperature accuracy.
#### B. The Wireless RF Transceiver
The "R2" designation often refers to the specific radio frequency revision.
* **Antenna Interface:** Usually an SMA or internal chip antenna.
* **Modulation:** Uses Direct Sequence Spread Spectrum (DSSS) to minimize interference in noisy industrial environments.
#### C. Power Management Circuitry
Designed for extreme efficiency to allow for battery-operated deployments:
* **Low Quiescent Current:** The device enters a "sleep mode" between transmission intervals to conserve energy.
* **Voltage Regulation:** High-efficiency buck-boost converters maintain a steady 3.3V or 5V rail despite fluctuations in the DC input.
---
### 3. Connection Pinout/Interface
Typical wiring for the W2TS series involves the following terminals:
1. **V+ / V-**: Power supply input (10-30V DC).
2. **Input Terminals**: Where the sensor (e.g., PT100 or 4-20mA loop) is connected.
3. **Config Port**: Micro-USB or Serial port for setting transmission intervals and ID codes.
---
### 4. Application Logic
The device follows a structured electronic workflow:
1. **Sense:** The input module samples the sensor data.
2. **Process:** The onboard microcontroller scales the data.
3. **Transmit:** The RF module packets the data and sends it to a wireless gateway (Receiver).
4. **Acknowledge:** The device waits for a handshake from the receiver to confirm data delivery.
- ⤷
What is the maximum number of nodes that can connect to a single receiver in this system?
- ⤷ Does this model support mesh networking or only point-to-point communication?
- ⤷ What are the specific battery life expectations for the NBC-R2 variant?