W2VS-1511-R2SLASHCE
AI

The **W2VS-1511-R2SLASHCE** is a specialized electronic component primarily used in industrial automation and signal processing. It is a **Signal Conditioner / Signal Isolator** designed to convert, isolate, and transmit electrical signals between field devices and control systems (like PLCs or DCS).
Below is a breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
This device is designed for DIN-rail mounting and functions as a dual-output signal converter.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | M-System (or affiliated OEM brands) |
| **Input Type** | DC Voltage/Current (Configurable) |
| **Output Type** | Dual Output (Isolated) |
| **Power Supply** | Typically 100–240V AC or 24V DC (Model dependent) |
| **Isolation** | Input to Output 1 to Output 2 to Power |
| **Housing** | Plug-in style / DIN Rail |
---
### 2. Key Electronic Parts & Functionality
The internal circuitry consists of several critical stages to ensure signal integrity:
#### A. Input Conditioning Stage
* **Precision Resistors:** Used to shunt current inputs (e.g., 4-20mA) into a voltage signal.
* **Protection Diodes:** Protects the internal circuits from overvoltage or reverse polarity.
#### B. Isolation Barrier
* **Opto-couplers / Transformer Isolation:** This is the core of the "V" (Isolator) series. It electronically separates the input side from the output side to prevent ground loops and protect expensive PLC hardware from high-voltage surges.
#### C. Signal Processing
* **Operational Amplifiers (Op-Amps):** High-precision amplifiers are used to scale the input signal (e.g., 1-5V) to the desired output range.
* **Zero/Span Adjustments:** Potentiometers located on the front panel allow for fine-tuning the electronic calibration.
#### D. Power Management
* **DC-DC Converter:** An internal transformer-based converter that generates isolated power rails for the input and output circuits independently.
---
### 3. Application Use Case
In an industrial environment, the W2VS-1511-R2SLASHCE is used for:
1. **Signal Splitting:** Taking one sensor input and providing two independent 4-20mA outputs (one for a local display, one for a remote PLC).
2. **Impedance Matching:** Converting a high-impedance voltage signal into a low-impedance current loop for long-distance transmission.
3. **Noise Reduction:** Filtering out electromagnetic interference (EMI) from the field wiring.
---
### 4. Wiring Diagram (Simplified Logic)
```text
[ FIELD SENSOR ] ----> [ INPUT (Term 1&2) ]
|
[ ISOLATION BARRIER ]
|
[ OUTPUT 1 (Term 3&4) ] <-----> [ OUTPUT 2 (Term 5&6) ]
```
---
- ⤷
What are the specific voltage and current ranges supported by the R2 configuration?
- ⤷ How do you calibrate the Zero and Span pots on this specific model?
- ⤷ What is the dielectric strength rating for the isolation barrier in this device?