전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2VS-151B-R/N

  • AI
    The **W2VS-151B-R/N** is a precision signal transducer (signal conditioner) manufactured by **Watanabe Electric Industry**. It is primarily used in industrial automation to convert standard analog signals into isolated DC outputs. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Model Type** | W2VS (Thin-type Signal Conditioner) | | **Input Signal** | 4 to 20 mA DC | | **Output 1** | 1 to 5 V DC | | **Output 2** | 4 to 20 mA DC | | **Power Supply** | 100 to 240V AC (Standard) / 24V DC (Optional) | | **Accuracy** | ±0.1% of span | | **Isolation** | 3-way isolation (Input, Output, Power) | | **Mounting** | DIN Rail Mount | --- ### 2. Core Electronic Functions The internal circuitry of the W2VS-151B-R/N performs several critical electronic tasks: * **Signal Conversion:** It takes a current loop input (4-20mA) and converts it into high-precision voltage or current outputs. This allows a single sensor signal to be shared between two different devices (e.g., a PLC and a local display). * **Galvanic Isolation:** The device uses transformer or optical isolation to separate the input, output, and power circuits. This prevents **ground loops** and protects sensitive control equipment from high-voltage surges on the field side. * **Active Filtering:** The internal electronics include low-pass filters to remove high-frequency noise and electromagnetic interference (EMI) from the input signal, ensuring a stable output. * **Impedance Matching:** It provides a high input impedance to the source and a low output impedance to the load, ensuring signal integrity over long wire runs. --- ### 3. Application Use-Case In a typical industrial setup, the **W2VS-151B-R/N** acts as a "buffer." 1. **Input:** A pressure transmitter in the field sends a 4-20mA signal. 2. **Processing:** The W2VS isolates the signal to ensure electrical noise from the motor nearby doesn't ruin the data. 3. **Output:** It splits the signal. Output 1 (1-5V) goes to a **Data Logger**, while Output 2 (4-20mA) goes to a **PID Controller**. --- ### 4. Component Wiring Overview ```text Terminal Layout (Typical): [1] Power (L/+) [2] Power (N/-) [3] Input (+) [4] Input (-) [5] Output 1 (+) [6] Output 1 (-) [7] Output 2 (+) [8] Output 2 (-) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific environmental operating temperature limits for the W2VS series?
    • ⤷ How does 3-way isolation differ from 2-way isolation in this model?
    • ⤷ Can the output signals be calibrated or adjusted manually on the unit?