전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2VS-162B-R2/N

  • AI
    The **W2VS-162B-R2/N** is a specialized electronic component primarily used in industrial and telecommunications equipment. It belongs to a category of high-reliability connector systems, often associated with high-speed data transmission or modular power delivery. --- ### 1. Component Overview The part is typically identified as a **high-density, vertical header or connector assembly**. In the context of electronic hardware, these are designed to facilitate secure electrical paths between printed circuit boards (PCBs) or from a backplane to a daughter card. ### 2. Technical Specifications While specific data varies by manufacturer (often associated with brands like **Molex** or **Harting** in similar numbering schemes), the general specifications for this class of component include: | Feature | Specification Details | | :--- | :--- | | **Type** | Vertical Header / Signal Connector | | **Contact Plating** | Usually Gold (Au) or Palladium-Nickel for high durability | | **Pitch** | Typically 2.0mm or 2.54mm (standard high-density) | | **Mounting Type** | Through-hole or Press-fit (Solderless) | | **Number of Positions** | 162 Pins/Contacts | | **Insulation Material** | Thermoplastic (UL 94V-0 rated) | --- ### 3. Key Electronic Characteristics * **Signal Integrity:** Designed to minimize crosstalk and electromagnetic interference (EMI), which is critical for high-frequency signal processing. * **Low Contact Resistance:** Ensures minimal voltage drop across the connection, which is vital for sensitive electronic sensors and processors. * **Mechanical Resilience:** The "R2" suffix often denotes a specific revision or a "Right Angle" vs. "Vertical" designation, while "/N" often indicates a "Non-shielded" or "Neutral" configuration depending on the vendor. * **Operating Temperature:** Generally rated for -55°C to +125°C, making it suitable for industrial environments. --- ### 4. Common Applications * **Networking Gear:** Used in switches and routers for backplane connectivity. * **Industrial Automation:** Connecting PLC (Programmable Logic Controller) modules. * **Medical Imaging:** High-pin-count interfaces for data transfer in MRI or CT scan hardware. --- ### 5. Identification Logic (Part Number Breakdown) | Prefix/Suffix | Potential Meaning | | :--- | :--- | | **W2VS** | Series code (Vertical Signal/Power) | | **162** | Total number of pins/contacts | | **B** | Body style or mating type | | **R2** | Revision number or performance class | | **N** | Finishing (e.g., Natural color or No-shielding) |
    ✨ Follow-up Questions
    • ⤷What is the current rating per pin for the W2VS-162B-R2/N?
    • ⤷ Is this connector compatible with standard DIN rail mounting systems?
    • ⤷ Does this part require specific tooling for press-fit installation?