전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2VS-2116-R2

  • AI
    The **W2VS-2116-R2** is a specific electronic component typically categorized as a **High-Frequency Directional Coupler** or a specialized **RF/Microwave splitter/combiner**, often found in telecommunications infrastructure and signal distribution systems. Below is a breakdown of its technical specifications and functional role. --- ### 1. Key Technical Specifications While specific datasheets can vary by manufacturer (often associated with brands like **Anaren** or **Wainwright**), the "2116" series generally adheres to the following parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Directional Coupler / Power Divider | | **Frequency Range** | Typically covers 1700 MHz to 2200 MHz (3G/4G/LTE Bands) | | **Coupling Value** | Usually 16 dB to 20 dB (indicated by the '16' in the suffix) | | **Impedance** | 50 Ohms (Standard RF impedance) | | **Power Handling** | Medium to High (Depending on the package size) | | **Mounting Type** | Surface Mount (SMD) or Drop-in | --- ### 2. Functional Electronic Parts The internal architecture of a W2VS-2116-R2 consists of several critical passive elements: * **Main Line Path:** A low-loss transmission line that allows the primary signal to pass from the input port to the output port. * **Coupled Line:** A secondary line placed in close proximity to the main line. Electromagnetic field interaction allows a small, precise fraction of the energy to transfer to this line. * **Terminating Resistor:** Often integrated to absorb reflected power and ensure high isolation between ports. * **Dielectric Substrate:** A high-performance ceramic or PTFE-based material that maintains signal integrity at gigahertz frequencies. --- ### 3. Common Applications This part is vital in circuits where signal monitoring is required without interrupting the main signal flow: 1. **Power Monitoring:** Sampling a small portion of a transmitter's output to measure signal strength. 2. **VSWR Measurement:** Detecting reflected power to ensure antenna health. 3. **Signal Distribution:** Splitting signals in Distributed Antenna Systems (DAS). 4. **Base Station Subsystems:** Used within the RF front-end of cellular base stations. --- ### 4. Decoding the Part Number * **W2VS:** Often refers to the physical package style or series (Wideband/Vertical/Surface). * **2116:** Typically denotes the frequency tuning and the decibel (dB) coupling factor. * **R2:** Generally refers to the revision number or RoHS compliance status (lead-free).
    ✨ Follow-up Questions
    • ⤷ What are the mechanical dimensions for the W2VS-2116-R2 footprint?
    • ⤷ How does the coupling loss affect the main line insertion loss?
    • ⤷ Can this component be used in 5G sub-6GHz applications?