전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2VS-221-R2/N

  • AI
    The **W2VS-221-R2/N** is a specific model of a **Slim-type Isolator (Signal Conditioner)**, typically manufactured by companies like **Watanabe Electric Industry**. These devices are crucial in industrial automation for signal conversion and isolation to prevent electrical interference. --- ### 1. Technical Specifications Overview The model name encodes specific electronic characteristics. Below is a breakdown of its primary specifications: | Feature | Specification | | :--- | :--- | | **Device Type** | Signal Conditioner / Isolator | | **Input Signal** | 4 to 20 mA DC | | **Output 1** | 1 to 5 V DC | | **Output 2** | 1 to 5 V DC | | **Power Supply** | 100 to 240V AC (Standard "R2" variant) | | **Mounting** | DIN Rail Mounting | | **Accuracy** | ±0.1% of span | --- ### 2. Key Electronic Components & Functions #### A. Signal Isolation (Optical/Magnetic) The core of this device is the **Isolation Barrier**. It uses optocouplers or magnetic transformers to transfer the signal from the input circuit to the output circuit without a direct electrical connection. * **Purpose:** Protects expensive PLC/DCS systems from high-voltage surges and eliminates ground loops. #### B. Precision Resistors (Input Stage) Since the input is 4-20mA, the device uses a high-precision shunt resistor to convert the current into a measurable voltage. These resistors have very low thermal drift to ensure accuracy across temperature changes. #### C. Operational Amplifiers (Op-Amps) High-impedance Op-Amps are used to scale the signal. In this model, the input signal is processed and split into two independent 1-5V DC outputs. * **Buffer Circuitry:** Ensures that the load on Output 1 does not affect the signal on Output 2. #### D. Power Supply Module (AC/DC Converter) The "R2" designation typically refers to a universal AC power input (100-240V). Internal electronics include: * **Transformer:** For step-down and safety isolation. * **Rectifiers/Regulators:** To provide stable DC voltage to the internal sensing circuitry. --- ### 3. Wiring Configuration The terminal block layout generally follows this logic: 1. **Input:** Terminals for the 4-20mA loop. 2. **Output 1:** 1-5V DC pins. 3. **Output 2:** 1-5V DC pins (Independent). 4. **Power:** L and N terminals for AC input. --- ### 4. Typical Applications * **Ground Loop Elimination:** When a sensor and a controller are at different ground potentials. * **Signal Splitting:** Taking one 4-20mA sensor signal and providing two 1-5V signals to two different devices (e.g., a local display and a remote PLC). * **Signal Conversion:** Converting current-based transmission to voltage-based processing.
    ✨ Follow-up Questions
    • ⤷ What are the specific terminal pin assignments for the W2VS-221-R2/N?
    • ⤷ Can the output range be adjusted manually via potentiometers?
    • ⤷ How does this model handle signal damping or response time?