전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2VS-2AY-R

  • AI
    The **W2VS-2AY-R** is a specific model of an **Isolator/Signal Conditioner** belonging to the W2VS series, typically manufactured by **M-System** (now part of MG CO., LTD). These devices are used in industrial automation to convert, isolate, and transmit DC signals. --- ### 1. Technical Specifications The model code "W2VS-2AY-R" can be broken down to understand its internal electronic characteristics: | Code Segment | Component Detail | Description | | :--- | :--- | :--- | | **W2VS** | Series Name | Ultra-slim Signal Conditioner (Dual Output) | | **2** | Input Signal | 4 to 20 mA DC | | **A** | Output 1 | 4 to 20 mA DC | | **Y** | Output 2 | 0 to 10 V DC (Standard Voltage) | | **R** | Power Input | 24V DC | --- ### 2. Electronic Architecture The internal circuitry of the W2VS-2AY-R consists of several key stages: #### A. Input Stage * **Current Shunt:** Converts the 4-20mA input current into a proportional voltage. * **Protection:** Includes surge protectors and filters to eliminate electromagnetic interference (EMI) from the field sensors. #### B. Isolation Barrier * **Galvanic Isolation:** Uses optical or magnetic coupling to separate the Input, Output 1, Output 2, and Power supply. * **Isolation Strength:** Typically rated for 2000V AC per minute. This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges. #### C. Signal Processing & Dual Output * **Operational Amplifiers:** High-precision op-amps scale the signal. * **Conversion:** The internal electronics split the signal into two independent paths. One path generates a current loop (4-20mA), and the other generates a voltage signal (0-10V). #### D. Power Management * **DC/DC Converter:** Since it is "R" (24V DC) powered, an internal converter stabilizes the voltage for the internal components and ensures the isolation remains intact. --- ### 3. Application Use Case This part is primarily used when a single sensor signal needs to be sent to two different devices that require different signal types. **Example Scenario:** * **Sensor:** A flow meter sending 4-20mA. * **Output 1 (4-20mA):** Sent to a PLC for process control. * **Output 2 (0-10V):** Sent to a local analog display or a chart recorder. --- ### 4. Key Wiring Terminals Typically, the device uses a tension-clamp or screw terminal system: ```markdown - Terminals 1 & 2: Output 1 (4-20mA) - Terminals 3 & 4: Output 2 (0-10V) - Terminals 5 & 6: Input (4-20mA) - Terminals 7 & 8: Power Supply (24V DC) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance for the 4-20mA output on this model?
    • ⤷ How do I calibrate the Zero and Span settings on the W2VS series?
    • ⤷ Can this unit be mounted on a standard DIN rail?