전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2VS-A2Y-R2SLASHN

  • AI
    The **W2VS-A2Y-R2/N** (often simplified as W2VS series) is a signal transducer/isolator manufactured by **M-System**. It belongs to the "Ultra-Slim Signal Conditioners" family, designed to convert high-speed pulse inputs or analog signals into isolated DC outputs. Below is the breakdown of its electronic components, specifications, and functions. --- ### 1. Model Code Breakdown The suffix of the model number defines its specific electronic configuration: | Code Segment | Description | Specific Detail | | :--- | :--- | :--- | | **W2VS** | Series Name | Ultra-Slim Signal Splitter/Conditioner | | **A** | Input Type | 4 – 20 mA DC | | **2Y** | Output 1 & 2 | Output 1: 4 – 20 mA DC / Output 2: 1 – 5 V DC | | **R** | Power Input | 24 V DC | | **2/N** | Options | High-speed response (2) and No DIN rail mounting bracket (/N) | --- ### 2. Key Internal Electronic Components The unit is composed of several critical sub-circuits that ensure signal integrity: * **Input Stage (Current Loop):** Utilizes a precision low-impedance shunt resistor to convert the 4-20mA input current into a voltage signal. It includes surge protection (Zener diodes) to prevent damage from line spikes. * **Isolation Barrier:** Uses an **Opto-coupler** or **Transformer isolation**. This provides a 2000V AC isolation between input, output 1, output 2, and power, preventing ground loops. * **Signal Processing Circuit:** Employs an operational amplifier (Op-Amp) with high CMRR (Common Mode Rejection Ratio) to maintain accuracy. * **Power Supply Module:** A DC/DC converter that steps down and stabilizes the 24V DC input to power the internal circuitry while maintaining galvanic isolation. --- ### 3. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Supply Voltage** | 24 V DC (±10%) | | **Input Impedance** | 250 Ω (for 4-20mA input) | | **Isolation Resistance** | 100 MΩ minimum at 500 V DC | | **Accuracy** | ±0.1% of span | | **Response Time** | Approx. 25 ms (0 to 90%) | | **Temperature Range** | -5 to +55°C (23 to 131°F) | --- ### 4. Wiring Diagram (Conceptual) ```mermaid graph LR A[Input 4-20mA] --> B(Isolator) B --> C[Output 1: 4-20mA] B --> D[Output 2: 1-5V] E[24V DC Power] --> B ``` ### 5. Application Usage * **Signal Splitting:** Taking one sensor signal (like a flow meter) and sending it to two different devices (e.g., a PLC and a local display) simultaneously. * **Ground Loop Elimination:** Resolving potential differences between the field instrument and the control room. * **Impedance Matching:** Converting a current signal to a voltage signal for legacy controllers. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum load resistance for the 4-20mA output on this model?
    • ⤷ Can this device be used with a 110V AC power supply instead of 24V DC?
    • ⤷ What is the physical width of the W2VS series for DIN rail planning?