전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2XF-Z1V3V2-R

  • AI
    The part number **W2XF-Z1V3V2-R** follows a nomenclature typical for high-performance industrial components, often associated with **AC Axial Fans** or specialized thermal management solutions (commonly from brands like ebm-papst or similar industrial manufacturers). Below is a breakdown of the electronic and mechanical characteristics typically associated with this series: ## Technical Specifications Overview | Component Feature | Description | | :--- | :--- | | **Motor Type** | External Rotor Motor (AC) | | **Voltage Range** | 230V AC (Standard for V2/V3 variants) | | **Frequency** | 50/60 Hz | | **Bearings** | Dual Ball Bearing system (High longevity) | | **Housing Material** | Die-cast aluminum / Glass-fiber reinforced plastic | | **Protection Class** | IP44 or IP54 (Dust and splash protection) | | **Termination** | Lead wires or Terminal box (R-suffix often denotes specific Lead length) | --- ## Electronic & Functional Breakdown ### 1. Motor Design (Electronic Control) The "W" designation usually points to a **Wall-ring plate** or a specific mounting frame integrated with an AC motor. These motors are Capacitor-run (PSC - Permanent Split Capacitor) induction motors. * **Thermal Protection:** Internal thermal overload protectors are usually wired in series with the windings to prevent motor burnout during a rotor lock. * **Capacitor Requirement:** Requires an external or integrated motor run capacitor (typically 1.0 to 3.0 µF depending on exact torque requirements). ### 2. The "Z1V3V2" Coding In industrial fan nomenclature, these strings define the airflow and speed characteristics: * **Speed Control:** These units often support 2-speed operation depending on the wiring configuration (Delta vs. Star connection or multi-tap windings). * **Direction of Airflow:** "V" typically indicates the direction of flow (e.g., Intake over struts vs. Exhaust over struts). ### 3. Safety and Compliance The electronic assembly is designed to meet several international standards: * **Insulation Class:** Usually Class B or F (capable of withstanding 130°C to 155°C). * **EMC Compliance:** Since it is a standard AC induction motor, it generates minimal electromagnetic interference compared to PWM-controlled DC fans. --- ## Connection Diagram (General) Most fans in this category use a 3-wire or 4-wire setup. Below is a typical logic for the electronic leads: ```text L1 (Brown) ---- Thermal Protector ---- Main Winding ---- Neutral (Blue) | Capacitor (C) | Auxiliary Winding ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific airflow (CFM) rating for the W2XF series?
    • ⤷ Does this model require an external capacitor for operation?
    • ⤷ What are the mounting dimensions for the Z1V3V2 frame size?