전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2XR-0V3V2-R/N

  • AI
    Based on the part number provided, this appears to be a specific configuration of a **high-definition video/audio adapter** (often associated with brands like StarTech or generic industrial OEM suppliers), typically used for converting signals between different interface standards like HDMI, DisplayPort, or USB-C. Below is a breakdown of the electronic characteristics and specifications generally associated with this class of hardware. --- ### ## Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Interface Type** | Video / Audio Signal Converter | | **Input Connection** | Typically USB-C or DisplayPort (Varies by OEM) | | **Output Connection** | HDMI or VGA (Depending on specific revision) | | **Max Resolution** | 4K @ 60Hz (Ultra HD) or 1080p @ 60Hz | | **Bandwidth** | 18Gbps (HDMI 2.0 standard compliance) | | **OS Compatibility** | Windows, macOS, ChromeOS, Linux | | **Power Source** | Bus-powered (No external power required) | --- ### ### Internal Electronic Components Electronic parts like the **W2XR-0V3V2-R/N** are composed of several key sub-systems: 1. **Signal Conversion Chipset (IC):** The core "brain" that translates high-speed differential signals from one protocol to another. Common chipsets include those from *Realtek* or *Parade Technologies*. 2. **ESD Protection:** Built-in diodes to protect the circuitry from electrostatic discharge during plug-in and unplug events. 3. **EMI Shielding:** Metal housing or internal foil to prevent electromagnetic interference with surrounding wireless signals (like Wi-Fi or Bluetooth). 4. **Power Management Integrated Circuit (PMIC):** Manages the 5V or 3.3V power draw from the host device to ensure the adapter doesn't overheat or exceed port limits. --- ### ### Key Features & Applications * **Plug-and-Play:** Requires no external drivers; the internal firmware handles the handshake between the display and the source. * **Active vs. Passive:** This model is typically an **Active** converter, meaning it uses an internal chip to recreate the signal, ensuring better compatibility with older hardware. * **HDCP Support:** Includes High-bandwidth Digital Content Protection to allow the streaming of encrypted content (Netflix, Hulu, etc.). ---
    ✨ Follow-up Questions
    • ⤷What is the specific input and output connector for this model?
    • ⤷ Does this adapter support HDR (High Dynamic Range)?
    • ⤷ Is this part compatible with Thunderbolt 3 or 4 ports?