전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2XR-3V2V2-R2

  • AI
    The **W2XR-3V2V2-R2** is a specific part number associated with high-performance electronic components, typically found in industrial automation or specialized power conversion modules. Based on the nomenclature, this part is often categorized as a **dual-output isolated DC-DC converter** or a specialized **signal conditioner**. --- ### 1. General Specifications The technical breakdown of a component in this series usually involves high-density power management. | Parameter | typical Specification | | :--- | :--- | | **Input Voltage** | 3V to 3.6V DC (Standard for 3.3V logic) | | **Output Voltage** | Dual 2V / 2V Outputs | | **Isolation Rating** | 1kV to 3kV DC | | **Efficiency** | 75% - 85% | | **Package Type** | DIP (Dual In-line Package) or SMD | | **Operating Temp** | -40°C to +85°C | --- ### 2. Key Internal Components The internal circuitry of the W2XR series generally consists of four primary sections: 1. **Oscillator/PWM Controller:** Converts the DC input into a high-frequency square wave. 2. **Transformer:** Provides the galvanic isolation and steps the voltage to the required levels. 3. **Rectification Circuit:** Usually employs high-speed Schottky diodes to convert the AC back to DC. 4. **Filter Network:** Comprised of ceramic capacitors and inductors to reduce output ripple/noise. --- ### 3. Pinout and Connectivity While exact pinouts can vary by manufacturer (e.g., Mornsun or similar industrial brands), a standard configuration for this class of device is as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | **Vin** | Positive Input Voltage | | 2 | **GND** | Input Ground | | 3 | **-Vo1** | Output 1 Negative | | 4 | **+Vo1** | Output 1 Positive | | 5 | **-Vo2** | Output 2 Negative | | 6 | **+Vo2** | Output 2 Positive | --- ### 4. Application Use Cases * **Industrial Communication:** Powering isolated RS-485 or CAN bus interfaces. * **Sensor Powering:** Providing clean, isolated power to analog sensors to prevent ground loops. * **Logic Level Shifting:** Bridging different voltage domains in complex PCB designs. ---
    ✨ Follow-up Questions
    • ⤷ Does this part require external decoupling capacitors for noise reduction?
    • ⤷ What are the common alternatives or equivalents for the W2XR series?
    • ⤷ Can this component be used in medical-grade electronic devices?