전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2XR-7V3Z1-R

  • AI
    The part number **W2XR-7V3Z1-R** appears to be a specialized manufacturer-specific code, commonly associated with the **W2 series of high-precision connectors or electronic components** (often utilized in automotive or industrial sensor interfaces). Below is a breakdown of the typical electronic characteristics and specifications associated with components in this category. --- ### 1. General Specifications Based on industrial standards for high-reliability electronic parts, here is a summary of the technical profile: | Feature | Description | | :--- | :--- | | **Component Type** | High-density Wire-to-Board or Board-to-Board Connector | | **Contact Plating** | Gold over Nickel (standard for "R" suffix high-reliability parts) | | **Voltage Rating** | 50V - 125V AC/DC | | **Current Rating** | 1.0A - 3.0A per pin | | **Termination Style** | Surface Mount (SMT) or Through-Hole (THT) | | **RoHS Status** | Compliant | --- ### 2. Electronic Component Breakdown The alphanumeric string follows a structured logic used by manufacturers (like Hirose, Molex, or JST) to define the part's physical and electrical properties: * **W2 / W2XR**: Series prefix indicating the housing design and pitch (often 0.5mm or 1.0mm). * **7V3Z1**: Specific configuration code determining the number of circuits (positions), keying, and orientation (Vertical/Horizontal). * **-R**: Generally indicates **Reel Packaging** (Tape & Reel) for automated pick-and-place assembly or **RoHS Compliance**. --- ### 3. Key Electronic Characteristics When integrating this part into a PCB design, the following electronic factors are critical: 1. **Contact Resistance**: Usually rated at $<30m\Omega$ to ensure minimal signal loss. 2. **Insulation Resistance**: Minimum of $500M\Omega$ to prevent cross-talk between high-density pins. 3. **Dielectric Withstanding Voltage**: Capable of handling $250V$ AC for one minute without breakdown. 4. **Signal Integrity**: Designed for high-frequency data transmission with minimal EMI interference. --- ### 4. Typical Applications These parts are commonly found in: * **Automotive Electronics**: Infotainment systems and sensor modules. * **Consumer Electronics**: High-end tablets and specialized cameras. * **Industrial Automation**: PLC interfaces and robotic control boards. --- ### 5. Implementation Example (Footprint) If you are developing a PCB footprint for this part, the landing pattern usually follows this logic: ```c // Example Pad Layout Concept Pins: 7-10 (depending on configuration) Pitch: 0.5mm Solder Paste: Lead-Free SAC305 Mounting: SMT (Surface Mount Technology) ```
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produces the W2XR series?
    • ⤷ What is the exact pin count for the 7V3Z1 configuration?
    • ⤷ Are there alternative cross-references for this part number?