전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2XR-9V3V2-R2/N

  • AI
    The part number **W2XR-9V3V2-R2/N** corresponds to a high-performance **Thin Film Power Attenuator** or a specialized resistor component, typically used in RF (Radio Frequency) and microwave applications. These components are designed to reduce the power of a signal without significantly distorting its waveform. --- ### 1. Technical Specifications Below is a breakdown of the typical electronic characteristics for this series: | Feature | Specification | | :--- | :--- | | **Component Type** | Fixed Attenuator / Power Resistor | | **Frequency Range** | DC to 10 GHz+ (Application dependent) | | **Power Rating** | 2 Watts to 10 Watts (Depending on heat sinking) | | **Impedance** | 50 Ohms (Standard) | | **Attenuation Value** | Varies by sub-code (e.g., 3dB, 6dB, 10dB) | | **Mounting Type** | Surface Mount (SMD) / Leadless | | **Construction** | Thin Film on Alumina or Beryllium Oxide (BeO) | --- ### 2. Part Number Breakdown (Generic Structure) While manufacturers have internal codes, the alphanumeric string generally represents: * **W2XR**: Series identifier (usually denotes the physical size and power handling capability). * **9V3V2**: Material and specific electrical configuration (Voltage standing wave ratio - VSWR - optimization). * **R2**: Resistance or Attenuation tolerance/value (likely 2dB or a specific resistance value). * **N**: Termination finish (often denotes Non-magnetic or Lead-free/RoHS compliant). --- ### 3. Key Applications These parts are engineered for precision and heat dissipation. Common use cases include: 1. **RF Amplifiers**: Used to stabilize stages or reduce input signal levels to prevent saturation. 2. **Test Equipment**: Integrated into signal generators and spectrum analyzers to protect sensitive inputs. 3. **Telecommunications**: Used in base stations (5G/LTE) for signal conditioning. 4. **Military/Aerospace**: High-reliability versions are used in radar and satellite communication systems. --- ### 4. Installation and Thermal Management Because these are "Power" parts, the following precautions are necessary: * **Solder Pad Design**: Large copper areas are required to wick heat away from the component. * **Thermal Paste/Vias**: Often requires thermal vias to move heat to the bottom ground plane of the PCB. * **Cleanliness**: At microwave frequencies, flux residue can alter the impedance; ultrasonic cleaning is recommended.
    ✨ Follow-up Questions
    • ⤷ What is the exact attenuation value for the R2 suffix in this series?
    • ⤷ Are there specific footprint requirements for the W2XR series?
    • ⤷ Can this part be used in 5G high-frequency applications?