전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W2XR-9V3Z1-R/N

  • AI
    Based on the part number provided, **W2XR-9V3Z1-R/N** appears to be a specific configuration for a high-performance **Brushless DC (BLDC) Fan**, typically manufactured by companies like **Sanyo Denki** (San Ace series) or similar industrial thermal management providers. Below is a breakdown of the electronic and physical components associated with this type of industrial cooling part. --- ## 1. Technical Specifications Overview Industrial fans with this nomenclature usually fall into the high-static pressure or high-airflow categories. | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 12V or 24V DC (Variant dependent) | | **Motor Type** | Brushless DC (BLDC) | | **Bearing Type** | Dual Ball Bearing (Long life) | | **Frame Material** | Aluminum or Glass-reinforced Plastic (PBT) | | **Control Signal** | PWM (Pulse Width Modulation) | | **Sensor Type** | Tachometer (Tach) / Speed Sensor | --- ## 2. Key Electronic Components The "electronic parts" within this unit are located on a circular PCB (Printed Circuit Board) housed inside the motor hub. ### A. The BLDC Controller IC The brain of the fan. It manages the switching of the electromagnets. * **Commutation:** It uses electronic switching instead of carbon brushes to flip the magnetic field, reducing friction and electrical noise. * **Soft Start:** Many of these units include "soft start" circuitry to prevent a massive current spike when the fan first powers on. ### B. Hall Effect Sensors * **Function:** These sensors detect the position of the permanent magnets on the rotor. * **Purpose:** They provide feedback to the controller IC so it knows exactly when to energize the next stator coil to maintain rotation. ### C. PWM Speed Control Circuitry The **"R/N"** suffix often denotes specific wiring configurations, such as: * **PWM Input:** Allows an external system (like a server motherboard) to control the RPM. * **Tachometer Output:** A yellow or white wire that sends a pulse signal back to the controller to report the actual speed. --- ## 3. Wiring and Pinout Standard configurations for these high-end industrial fans usually follow a 4-wire color code: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Black** | GND | Ground / Negative terminal | | **Red** | VCC | Positive Power Supply | | **Yellow** | FG (Tach) | Frequency Generator (Speed output) | | **Blue** | PWM | Control signal for speed adjustment | --- ## 4. Protection Features The electronics include several safety mechanisms: 1. **Locked Rotor Protection:** If the blades are obstructed, the controller cuts power to the coils to prevent the motor from burning out. 2. **Reverse Polarity Protection:** A diode is often included to protect the circuit if the power wires are connected backward. 3. **Auto-Restart:** The fan will periodically attempt to spin again once a blockage is removed.
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage rating for the W2XR series?
    • ⤷ How do I interpret the 'R/N' suffix in terms of connector type?
    • ⤷ What is the MTBF (Mean Time Between Failures) for this specific model?