전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W5DY-B3-R

  • AI
    The **W5DY-B3-R** is a specific electronic component, most commonly identified as a **tactile switch** or a **miniature push-button switch** (often used in consumer electronics, automotive controls, and industrial interfaces). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. General Specifications The W5DY series represents a category of high-durability, surface-mount (SMD) or through-hole tactile switches. The "-R" suffix usually denotes "RoHS compliant" or "Tape & Reel" packaging for automated assembly. | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Tactile Switch (Momentary) | | **Circuit** | SPST-NO (Single Pole Single Throw - Normally Open) | | **Contact Rating** | 50mA @ 12V DC | | **Contact Resistance** | 100mΩ Max | | **Insulation Resistance** | 100MΩ Min @ 100V DC | | **Operating Force** | 160gf to 260gf (varies by sub-model) | | **Travel** | 0.25mm ± 0.1mm | --- ### 2. Key Internal Electronic Parts A tactile switch like the W5DY-B3-R is composed of several critical internal elements that manage the electrical connection: 1. **The Cover (Top Plate):** Usually metal, providing structural integrity and protecting the internal dome. 2. **The Actuator (Stem):** The plastic part you press. Its height determines the profile of the switch. 3. **The Contact Dome:** The "heart" of the switch. It is a curved metal disc (usually stainless steel or copper alloy). When pressed, it snaps down to bridge the circuit. This provides the "click" sound and tactile feedback. 4. **Terminal Leads:** Silver-plated or gold-plated pins that are soldered to the PCB. 5. **Base (Housing):** A heat-resistant thermoplastic (like LCP or PPA) that holds the terminals and provides the cavity for the dome. --- ### 3. Electrical Functionality #### Momentary Action This part is a **momentary** switch. This means the electrical circuit is only closed (ON) while the button is being actively pressed. As soon as the finger is removed, the contact dome springs back, and the circuit returns to the "Normally Open" state. #### Contact Bounce Like all mechanical switches, the W5DY-B3-R experiences "bounce." When the dome hits the terminals, it vibrates for a few milliseconds (usually <10ms) before making a steady connection. > **Note:** Designers must include a debouncing circuit or software filter to prevent multiple signals from being registered. --- ### 4. Application Use Cases Due to its small footprint and reliable lifecycle (often rated for 100,000 to 1,000,000 cycles), it is used in: * **Consumer Electronics:** Remote controls, microwave panels, and cameras. * **Computing:** Reset buttons or power buttons on motherboards. * **Automotive:** Steering wheel controls and dashboard interfaces.
    ✨ Follow-up Questions
    • ⤷ What is the standard footprint/dimension for the W5DY series?
    • ⤷ How do I implement a hardware debouncing circuit for this switch?
    • ⤷ What are the soldering temperature requirements for the W5DY-B3-R?