전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W5DY-DC-R

  • AI
    The **W5DY-DC-R** is an ultra-miniature, high-sensitivity signal relay manufactured by **Omron**. It is primarily designed for low-power signal switching in telecommunications, testing equipment, and security systems. --- ## 1. Core Technical Specifications Below are the primary electronic characteristics for the W5DY-DC-R series: | Feature | Specification | | :--- | :--- | | **Contact Form** | DPDT (2 Form C) | | **Contact Rating** | 1A at 30VDC / 0.5A at 125VAC | | **Rated Coil Voltage** | Typically 5V, 12V, or 24V DC (Model dependent) | | **Power Consumption** | Approx. 140mW to 200mW (High Sensitivity) | | **Dielectric Strength** | 1,000 VAC between coil and contacts | | **Mounting Type** | Through-hole (PCB) | | **Switching Power** | 30W (DC) / 62.5VA (AC) Max | --- ## 2. Key Electronic Components & Internal Design The device functions as an electromagnetic switch. The "parts" inside this component include: ### A. The Coil (Actuator) * **Material:** Fine copper winding. * **Function:** When current flows through the coil, it creates a magnetic field. * **Sensitivity:** The "DY" designation indicates a high-sensitivity coil, meaning it requires very little current to trigger the magnetic flip compared to standard relays. ### B. The Contacts (Switching Element) * **Material:** Gold-clad silver (Ag + Au). The gold plating is critical because it prevents oxidation, ensuring a reliable connection for low-current "dry circuit" signals. * **Configuration:** Double Pole Double Throw (DPDT). This allows the relay to control two separate circuits simultaneously. ### C. The Armature and Spring * **Mechanical Movement:** The magnetic force pulls the armature, moving the contacts from the Normally Closed (NC) position to the Normally Open (NO) position. --- ## 3. Terminal Layout (Pinout) The W5DY-DC-R follows a standard DIP (Dual In-line Package) footprint. The pinout generally follows this logic: 1. **Coil Terminals:** Located at the ends of the relay. 2. **Common (COM) Pins:** The moving part of the switch. 3. **Normally Closed (NC):** The contact connected when the coil is OFF. 4. **Normally Open (NO):** The contact connected when the coil is ON. --- ## 4. Usage Considerations * **Polarity:** Since this is a DC coil relay, ensure the driving circuit includes a **flyback diode** (e.g., 1N4148) across the coil pins to protect your microcontroller or transistors from voltage spikes when the relay turns off. * **Signal Integrity:** Because of the gold-clad contacts, this relay is excellent for switching audio signals or low-voltage data lines without introducing significant noise or resistance. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage for the specific W5DY-DC-R model you are using?
    • ⤷ How does a 'High Sensitivity' relay differ from a standard power relay in terms of circuit design?
    • ⤷ Can this relay be used for switching high-voltage AC loads like 220V motors?