전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • W5MS-DC-R2/Q

  • AI
    The **W5MS-DC-R2/Q** is a specific industrial-grade **Solid State Relay (SSR)**, typically manufactured by companies like OMRON or similar specialized industrial component suppliers. It is designed for high-frequency switching and long-term durability in DC load applications. ### 1. Technical Specifications The following table highlights the core electronic characteristics of the W5MS series: | Parameter | Specification | | :--- | :--- | | **Input Type** | DC Control (Logic level) | | **Load Voltage Range** | 3 to 50 VDC (typical) | | **Max Load Current** | 5A to 10A (Model dependent) | | **Isolation Method** | Photocoupler (Optical Isolation) | | **Response Time** | < 1 ms (High-speed switching) | | **Output Type** | MOSFET or Power Transistor | --- ### 2. Key Electronic Components The internal architecture of this device consists of three main stages: #### A. Input Circuit (Control Side) * **LED/Photocoupler:** When a DC voltage is applied to the input terminals, an internal LED lights up. * **Current Limiting Resistor:** Protects the internal LED from excessive current. * **Reverse Polarity Protection:** A diode often protects the input circuit if the control wires are connected backwards. #### B. Isolation Barrier * **Optical Isolation:** This is the "Electronic Gap." There is no physical electrical connection between the input (e.g., a PLC or Arduino) and the high-power output. This prevents voltage spikes from the load side from destroying the control electronics. #### C. Output Circuit (Load Side) * **Power Switching Element:** Unlike mechanical relays, this uses a **MOSFET** or **Power Transistor**. * **Snubber Circuit:** Includes internal components to suppress transient voltage spikes (Back-EMF) when switching inductive loads. * **Status Indicator:** Usually features a built-in LED to show the ON/OFF state of the output. --- ### 3. Advantages of this Electronic Design 1. **No Mechanical Wear:** Since there are no moving contacts, there is no arcing or contact pitting, leading to a much longer lifespan. 2. **High-Speed Switching:** It can cycle on and off thousands of times per minute, which is impossible for mechanical relays. 3. **Low Logic Drive:** It can be triggered directly by low-power microcontrollers (3.3V or 5V). 4. **Silent Operation:** Ideal for environments where the clicking noise of mechanical relays is undesirable. --- ### 4. Typical Wiring Diagram Layout ```text [ Control Signal + ] ----> ( Pin 1 ) [ Internal ] ( Pin 3 ) ----> [ Load + ] [ Control Signal - ] ----> ( Pin 2 ) [ Isolation] ( Pin 4 ) ----> [ Load - ] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for this specific SSR?
    • ⤷ How do I calculate the heat sink requirements for a 5A DC load?
    • ⤷ Can this relay be used to control a PWM signal?