전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WAC-A1BA-R/

  • AI
    The **WAC-A1BA-R** is a specific electronic component, typically categorized as a **Circular Connector** or a specialized **Cable Assembly/Adapter**. It is often associated with industrial automation, motor feedback systems, or high-precision instrumentation. Below is a detailed breakdown of its technical characteristics and electronic architecture. --- ### 1. Technical Specifications The "WAC" series usually refers to high-reliability connectors designed for harsh environments. | Feature | Specification | | :--- | :--- | | **Connector Type** | Circular Industrial Connector | | **Mounting Style** | Panel Mount or Cable End (Depending on housing) | | **Contact Plating** | Gold or Silver (for low resistance) | | **Termination Type** | Solder or Crimp | | **Shielding** | Full 360° EMI/RFI Shielding | | **Environment Rating** | Typically IP67 (Dust and Water-resistant) | --- ### 2. Internal Electronic Design The internal structure focuses on signal integrity and power distribution: * **Insulator Material:** High-grade thermoplastic or resin with high dielectric strength to prevent arcing between pins. * **Contacts:** Precision-machined copper alloy pins designed for high mating cycles. * **Keying System:** Includes a mechanical "key" (A-Coding or similar) to prevent incorrect orientation during connection, protecting sensitive electronics from reverse polarity. * **Strain Relief:** Integrated mechanism to prevent mechanical stress on the internal solder/crimp joints. --- ### 3. Applications The WAC-A1BA-R is commonly integrated into the following systems: 1. **Servo Motors:** Connecting encoders or resolvers to the drive unit. 2. **Robotic Arms:** Used in joints where high vibration resistance and compact footprints are required. 3. **Medical Equipment:** For secure, noise-free data transmission in imaging devices. 4. **Sensors:** Interfacing industrial sensors (Pressure, Temperature, Flow) with PLC systems. --- ### 4. Integration Example When integrating this part into a circuit, the pinout must be mapped correctly. Below is a generic representation of how such a connector is defined in a Netlist or BOM: ```yaml Component: WAC-A1BA-R Type: Connector_Circular Pins: - Pin_1: VCC (+24V DC) - Pin_2: GND (Common) - Pin_3: Signal_A (High) - Pin_4: Signal_B (Low) - Shell: Earth_Ground (Shielding) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating per contact for this specific connector?
    • ⤷ Does the 'R' suffix indicate RoHS compliance or a right-angle orientation?
    • ⤷ Is there a specific mating cable part number recommended for the WAC-A1BA-R?