WAC-A5AC-R
AI

The **WAC-A5AC-R** is a specific electronic component, typically identified as a **Crystal Oscillator** or a **Crystal Unit**. These parts are fundamental in electronics for generating precise clock signals.
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
## 1. Core Functionality
The WAC-A5AC-R functions as a frequency control device. It utilizes the mechanical resonance of a vibrating crystal of piezoelectric material to create an electrical signal with a very precise frequency. This is essential for:
* Timing synchronization in microcontrollers.
* Data transmission stability.
* Clock generation for digital circuits.
---
## 2. Technical Specifications
While specific data can vary slightly by manufacturer (often associated with brands like **Walsin** or specialized crystal vendors), the general specifications for this series are as follows:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Quartz Crystal Unit / Oscillator |
| **Package Type** | SMD (Surface Mount Device) |
| **Frequency Range** | Usually MHz range (Specific to sub-model) |
| **Load Capacitance** | 8pF to 20pF (Standard) |
| **Frequency Tolerance** | ±10 ppm to ±50 ppm |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
| **RoHS Status** | Compliant (Lead-Free) |
---
## 3. Electronic Composition
The internal structure of the WAC-A5AC-R consists of several key electronic layers:
### A. The Quartz Blank
The heart of the component. It is a thin slice of synthetic quartz, cut at a specific angle (usually AT-cut) to determine its temperature stability and resonant frequency.
### B. Electrodes
Metal layers (usually silver or gold) are sputtered onto the quartz blank. These electrodes allow the application of an electric field to trigger the piezoelectric effect.
### C. Ceramic Base & Metal Lid
* **Ceramic Base:** Provides insulation and structural integrity.
* **Metal Lid:** Hermetically sealed to protect the crystal from moisture and atmospheric pressure changes, which could drift the frequency.
---
## 4. Typical Circuit Application
In a standard electronic design, the WAC-A5AC-R is connected to the `XTAL_IN` and `XTAL_OUT` pins of an IC, accompanied by two load capacitors.
```cpp
// Typical Schematic Representation
// [IC / MCU]
// | |
// | +----[ WAC-A5AC-R ]----+
// | | |
// +--[ C1 ]--[ GND ]--[ C2 ]+
```
---
## 5. Identification Code Breakdown
* **WAC:** Often represents the Series or Manufacturer code.
* **A5AC:** Refers to the physical dimensions (e.g., 5.0 x 3.2 mm) and frequency characteristics.
* **-R:** Generally indicates "Tape & Reel" packaging for automated assembly lines.
- ⤷
What is the specific resonant frequency of the WAC-A5AC-R variant you are using?
- ⤷ How do I calculate the correct load capacitors for this crystal?
- ⤷ What are the common failure modes for SMD crystal oscillators?