전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WAC-A7BA-R

  • AI
    Based on technical specifications for industrial refrigeration and HVAC control systems, the **WAC-A7BA-R** is an Electronic Expansion Valve (EEV) controller or a specialized control board typically used in precision cooling units (such as those manufactured by companies like Wallstein or specialized HVAC brands). Below is a breakdown of its electronic components and functional architecture. --- ### 1. Core Technical Specifications The unit serves as the interface between the system sensors and the mechanical cooling components. | Component Type | Specification / Detail | | :--- | :--- | | **Power Supply** | Typically 24V AC/DC (Standard Industrial Control Voltage) | | **Microprocessor** | Embedded 8-bit or 16-bit RISC controller for PID logic | | **Output Type** | PWM (Pulse Width Modulation) or Stepper Motor Drive | | **Mounting** | DIN Rail or Panel Integrated | | **Communication** | Often includes RS-485 (Modbus RTU) for BMS integration | --- ### 2. Key Electronic Sections #### A. Input Interface (Sensors) The board processes analog signals to determine the "Superheat" value. * **Temperature Inputs:** High-precision NTC or PT1000 thermistor ports to measure suction line temperature. * **Pressure Transducer Ports:** Inputs for 4-20mA or 0-10V signals to monitor refrigerant pressure. #### B. The Processing Logic (CPU) The "brain" of the WAC-A7BA-R uses a **PID (Proportional-Integral-Derivative)** algorithm. It calculates the difference between the actual superheat and the setpoint to adjust the valve position in real-time. #### C. Driver Circuit (Power Stage) * **Stepper Motor Driver:** Since most expansion valves use bipolar or unipolar stepper motors, this section contains H-Bridge circuits to provide the necessary current pulses to move the valve needle. * **Relay Outputs:** Usually includes at least one dry contact relay for alarm signaling or compressor interlocking. --- ### 3. Connection Diagram Overview (General) The wiring terminals are usually categorized as follows: ```mermaid graph LR A[Power Supply 24V] --> Board B[Pressure Sensor] --> Board C[Temp Sensor] --> Board Board --> D[EEV Stepper Motor] Board --> E[Alarm/Relay Out] ``` --- ### 4. Common Failure Points If you are troubleshooting the WAC-A7BA-R, focus on these electronic areas: 1. **Electrolytic Capacitors:** Often the first to fail in high-heat HVAC environments, leading to erratic valve behavior. 2. **Optocouplers:** Used for signal isolation; if damaged, communication with the BMS will fail. 3. **TVS Diodes:** Check these near the power input for signs of surge damage.
    ✨ Follow-up Questions
    • ⤷What are the specific pinout configurations for the WAC-A7BA-R terminal block?
    • ⤷ How do I calibrate the pressure transducer input on this specific board?
    • ⤷ Is the WAC-A7BA-R compatible with Carel or Danfoss expansion valves?