전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WAC-A7BD-R

  • AI
    The **WAC-A7BD-R** is a specific electronic component typically categorized under high-frequency RF (Radio Frequency) and Microwave connectors. Specifically, this part number is associated with **Hirose Electric** or similar manufacturers specializing in micro-miniature coaxial connectors (often compatible with the U.FL or W.FL series standards). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Connector Type** | Ultra-miniature Coaxial Connector (Receptacle) | | **Impedance** | 50 Ohms (Standard) | | **Frequency Range** | DC to 6 GHz (Commonly used for Wi-Fi/Bluetooth) | | **V.S.W.R.** | 1.3 Max (0 to 3 GHz), 1.5 Max (3 to 6 GHz) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Contact Plating** | Gold Plated (to prevent oxidation and ensure conductivity) | | **Mating Height** | Low profile (typically 1.25mm to 1.5mm depending on plug) | --- ## 2. Key Electronic Components & Design ### A. The Receptacle Housing The body is usually made of a high-temperature thermoplastic (LCP - Liquid Crystal Polymer) to withstand the high temperatures of **Reflow Soldering**. This ensures the part does not melt or deform when being attached to a PCB. ### B. Signal Pin (Center Contact) The center pin is the primary signal path. In the WAC-A7BD-R, this is precision-engineered to maintain **50-ohm characteristic impedance**. Any physical deviation in the pin's shape or material would cause signal reflection (high VSWR), leading to data loss in wireless applications. ### C. Grounding Shell (Outer Contact) The outer metal shell serves two purposes: 1. **Shielding:** It protects the inner signal from Electromagnetic Interference (EMI). 2. **Mechanical Locking:** It provides the "click" mechanism that holds the mating cable (pigtail) in place. --- ## 3. Common Applications These parts are found in devices where space is at a premium and wireless connectivity is required: * **Wireless Modules:** Wi-Fi, Bluetooth, and Zigbee M.2 or mini-PCIe cards. * **IoT Devices:** Smart home sensors and gateway hubs. * **Mobile Hardware:** Smartphones, tablets, and lightweight laptops. * **GPS Systems:** To connect internal antennas to the receiver circuit. --- ## 4. Handling and Soldering Precautions ```markdown 1. ESD Protection: These connectors are sensitive to Electrostatic Discharge. Always use grounded wrist straps. 2. Solder Paste: Use a stencil thickness of 0.1mm to 0.12mm for optimal pad wetting without bridging. 3. Mating Cycles: These connectors are designed for limited mating cycles (usually around 20-30 cycles). Frequent unplugging can wear down the gold plating. ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum power rating for the WAC-A7BD-R connector?
    • ⤷ How does this part compare to a standard U.FL connector?
    • ⤷ What are the recommended reflow soldering temperature profiles for this component?