전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WAC-A8BA-R/Q

  • AI
    The **WAC-A8BA-R/Q** is a high-performance **Antenna Distribution System** (often associated with wireless communication setups or specialized automotive/industrial RF systems). It is designed to manage RF signals by splitting or combining them to maintain signal integrity across multiple receivers. --- ### 1. Key Electronic Components and Architecture The internal circuitry of the WAC-A8BA-R/Q typically consists of the following functional blocks: | Component Type | Function | Description | | :--- | :--- | :--- | | **LNA (Low Noise Amplifier)** | Signal Boosting | Compensates for insertion loss and long cable runs without adding significant noise. | | **RF Splitters/Combiners** | Signal Routing | Passive or active networks that divide a single input signal into multiple output paths (e.g., 1-to-8). | | **Bandpass Filters** | Frequency Selection | Suppresses out-of-band interference to ensure only the desired frequency range reaches the receiver. | | **Voltage Regulator** | Power Management | Stabilizes internal DC voltage (usually 12V-15V) to protect sensitive RF transistors. | | **BNC/SMA Connectors** | Physical Interface | High-quality 50-ohm connectors designed for low VSWR (Voltage Standing Wave Ratio). | --- ### 2. Technical Specifications Based on the standard architecture for this class of RF distribution hardware: * **Frequency Range:** Typically covers wideband UHF (e.g., 470–960 MHz). * **Impedance:** Standard 50 $\Omega$ (Ohms). * **Gain:** Usually adjustable or fixed (approx. +0dB to +3dB) to ensure a "unity gain" environment. * **Isolation:** High port-to-port isolation (>20dB) to prevent crosstalk between connected receivers. --- ### 3. Connection Layout In a typical setup, the electronic parts are routed as follows: ```mermaid graph LR A[Antenna A] --> B[Input Filter] B --> C[LNA/Amplifier] C --> D[1-to-8 Splitter] D --> E[Output Ports 1-8] ``` ### 4. Distinguishing the "R" and "Q" Variants * **R (Receiver/Standard):** Focuses on distributing incoming signals from antennas to multiple wireless receivers. * **Q (Quality/Qualified):** Often denotes a specific shielding standard or a filtered version meant for high-density RF environments to prevent intermodulation distortion. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power supply requirements for the WAC-A8BA-R?
    • ⤷ How does this unit handle signal interference in the UHF band?
    • ⤷ Can this distribution system be daisy-chained for more than 8 outputs?