WAC-A8BC-R
AI

The **WAC-A8BC-R** is a specific electronic component, typically categorized as a **D-Sub high-density cable assembly or connector interface**, often used in industrial automation, PLC systems (like Mitsubishi Electric series), and communication interfaces.
---
## Technical Specifications and Electronic Profile
Below is a breakdown of the electronic characteristics and structural parts of the WAC-A8BC-R.
### 1. Key Components Table
| Part Category | Description | Specifications |
| :--- | :--- | :--- |
| **Connector A** | D-Sub High Density | 15-Pin (or 26-Pin depending on variant) |
| **Connector B** | Specialized Interface | Often used for CNC or PLC ports |
| **Cable Type** | Multi-core Shielded | UL Standard high-flexibility wire |
| **Shell Material** | Nickel-plated Steel/Plastic | EMI/RFI protection |
| **Contact Plating** | Gold over Nickel | Ensures low signal resistance |
---
### 2. Detailed Electronic Characteristics
#### A. Signal Integrity and Shielding
The "R" in the suffix often denotes **RoHS compliance** or a specific **Revision** for noise reduction. To maintain signal integrity in industrial environments:
* **Shielding:** Uses a braided copper shield + Aluminum foil to prevent Electromagnetic Interference (EMI).
* **Twisted Pairs:** Internal wiring is often arranged in twisted pairs to cancel out crosstalk between data lines.
#### B. Electrical Ratings
* **Voltage Rating:** Typically rated for 30V to 125V AC/DC.
* **Current Rating:** Approximately 1A to 3A per pin.
* **Insulation Resistance:** Minimum of $1000 M\Omega$ at 500V DC.
* **Dielectric Withstanding Voltage:** Usually 500V AC for one minute.
#### C. Pinout Configuration
The internal electronic layout is "Straight-through" or "Crossover" depending on the specific machine requirement.
* **Data Lines:** RXD, TXD, RTS, CTS, and Ground.
* **Power Lines:** Some pins may carry 5V or 24V DC to power interface modules or sensors.
---
### 3. Application Environment
These parts are engineered for durability in harsh conditions:
1. **Industrial Automation:** Connecting HMI (Human Machine Interfaces) to PLCs.
2. **CNC Machining:** Data transfer for G-code and machine parameters.
3. **Robotics:** Control signal transmission where vibration resistance is required.
---
### 4. Comparison of Materials
| Material | Electronic Benefit |
| :--- | :--- |
| **Gold Plating** | Prevents oxidation and maintains high conductivity over thousands of cycles. |
| **PVC/PUR Jacket** | Protects internal copper from oils, heat, and mechanical abrasion. |
| **Ferrite Core** | (Optional) Sometimes added to suppress high-frequency noise. |
- ⤷
What is the exact pinout diagram for the WAC-A8BC-R in a Mitsubishi PLC setup?
- ⤷ How does the shielding in this cable compare to standard RS232 cables?
- ⤷ Are there specific environmental certifications (like IP67) for this part?