전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WAC-AD2A-R/Q

  • AI
    The **WAC-AD2A-R/Q** is a specific model of an **Active Antenna Splitter/Combiner**, typically used in wireless microphone systems (specifically associated with brands like WaGner or various UHF distribution systems). It is designed to manage RF (Radio Frequency) signals for multiple wireless receivers. --- ### 1. Key Electronic Components & Functions The device is composed of several critical electronic subsystems that ensure signal integrity across wireless channels: | Component Type | Function | | :--- | :--- | | **Wideband RF Amplifier** | Compensates for signal loss incurred during the splitting process. It usually provides a gain of 0dB to +3dB. | | **Power Divider/Splitter** | An internal network of resistors or transformers that splits one incoming antenna signal into multiple outputs (usually 4 to 8). | | **Low Noise Block (LNB)** | Ensures that while the signal is amplified, the "noise floor" remains low to prevent interference. | | **DC Pass-Through** | Provides bias voltage (usually 8V-12V DC) through the BNC inputs to power remote active directional antennas. | | **Voltage Regulator** | Stabilizes the external power input to ensure consistent performance of the internal RF circuits. | --- ### 2. Technical Specifications The electronic architecture is designed for the UHF spectrum. Below are the typical technical parameters for the **AD2A** series: * **Frequency Range:** 470 MHz – 952 MHz (Wideband UHF). * **Impedance:** 50 Ω (Standard for RF equipment). * **Input/Output Connectors:** BNC Type. * **Isolation:** >25 dB (Prevents crosstalk between connected receivers). * **Power Supply:** Usually 12V-15V DC external adapter. --- ### 3. Circuit Interface Overview The rear and front panels represent the physical manifestation of the internal circuitry: 1. **Antenna A/B Inputs:** These lead to the primary gain stages. 2. **Cascade Ports:** High-speed bypass circuits that allow you to link a second WAC-AD2A unit without losing signal quality. 3. **Power Distribution Jacks:** Often includes 4-8 DC outputs to power the wireless receivers directly from the splitter, reducing cable clutter. --- ### 4. Typical Application Diagram The internal logic follows this signal flow: ```text [Antenna] -> [Bandpass Filter] -> [Pre-Amp] -> [Splitter Matrix] -> [Receiver Outputs] | [DC Power Injector] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum number of wireless receivers that can be connected to the WAC-AD2A-R/Q?
    • ⤷ Does this unit support power distribution for the connected receivers?
    • ⤷ How does the 'Cascade' feature affect the signal-to-noise ratio?