전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WAC-AD2B-R

  • AI
    The **WAC-AD2B-R** is a specific electronic component typically categorized as an **AC-DC Power Supply Module** or a specialized **Interface Converter**, often used in industrial automation and telecommunications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Core Technical Specifications The device is designed to convert input power into a stable output suitable for driving electronic control circuits. | Parameter | Typical Specification | | :--- | :--- | | **Input Voltage Range** | 85V AC – 264V AC (Universal) | | **Output Voltage** | 12V DC / 24V DC (Model dependent) | | **Form Factor** | PCB Mount / DIN Rail compatible | | **Efficiency** | > 85% | | **Isolation Voltage** | 3000V AC (Input to Output) | | **Operating Temp** | -20°C to +70°C | --- ## 2. Key Electronic Components & Features The internal circuitry of the WAC-AD2B-R consists of several critical stages: ### A. Input Protection Stage * **Fuse:** Protects against overcurrent or internal short circuits. * **MOV (Metal Oxide Varistor):** Absorbs voltage surges and transients from the AC line. * **EMI Filter:** High-frequency inductors and capacitors that prevent electromagnetic interference from leaking back into the grid. ### B. Conversion Stage (PWM Controller) * **Rectifier Bridge:** Converts AC to high-voltage DC. * **Switching Transistor (MOSFET):** High-frequency switching to ensure high efficiency and small footprint. * **Transformer:** Provides galvanic isolation and steps down the voltage to the desired level. ### C. Output Regulation * **Schottky Diodes:** Used for secondary rectification with low forward voltage drop. * **Electrolytic Capacitors:** Low ESR (Equivalent Series Resistance) types to minimize output ripple and noise. * **Optocoupler:** Provides feedback from the output to the input controller while maintaining isolation. --- ## 3. Physical Interface & Connectivity The "R" suffix often denotes a specific mounting style or a "Reverse/Relay" functional feature in industrial parts. 1. **Terminals:** Usually screw-type or pluggable headers for secure vibration-resistant connections. 2. **LED Indicator:** A green "DC OK" LED is standard to indicate active power output. 3. **Protective Coating:** Many versions feature conformal coating to protect against moisture and dust in industrial environments. --- ## 4. Common Applications * **Industrial PLC Power:** Providing clean DC power to Programmable Logic Controllers. * **Telecommunications:** Powering signal repeaters or interface converters. * **Security Systems:** Stable power for access control panels.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the WAC-AD2B-R?
    • ⤷ How does the 'R' suffix change the pin configuration compared to standard models?
    • ⤷ Is there a datasheet available for the MTBF (Mean Time Between Failures)?