전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WADS-3BA-R/Q

  • AI
    The **WADS-3BA-R/Q** is a high-performance, single-axis digital servo drive typically manufactured by **Wittenstein (formerly Alpha)**. These units are designed for high-precision motion control, often paired with high-torque density brushless motors. --- ## 1. Core Electronic Specifications The "R/Q" designation usually refers to specific communication interface variants (such as RS232, RS485, or fieldbus options). | Feature | Specification Details | | :--- | :--- | | **Control Architecture** | 32-bit Microprocessor (Digital Signal Processor) | | **Power Input** | Typically 24V DC for logic; 230V-480V AC for power stage | | **Feedback Support** | Resolver, EnDat, Hiperface, or TTL Incremental | | **Switching Frequency** | 8 kHz to 16 kHz (adjustable) | | **Current Loop** | High-bandwidth PI controllers | --- ## 2. Key Electronic Component Sections The internal architecture of the WADS-3BA-R/Q is divided into several critical functional blocks: ### A. The Power Stage (Inverter) * **IGBT Modules:** Uses Insulated Gate Bipolar Transistors to convert DC bus voltage into a 3-phase PWM (Pulse Width Modulation) output to drive the motor. * **DC Bus:** Includes high-capacity electrolytic capacitors for energy buffering and smoothing of the rectified AC voltage. * **Shunt Resistor / Braking Chopper:** Manages regenerative energy when the motor decelerates, preventing overvoltage by dissipating heat through an external or internal resistor. ### B. The Logic and Control Board * **DSP/FPGA:** Handles real-time calculations for position, velocity, and current loops. It processes PID algorithms with sub-millisecond cycle times. * **Isolation:** Optocouplers or digital isolators separate the high-voltage power stage from the low-voltage control signals to prevent interference and ensure safety. ### C. Communication & I/O * **R/Q Variant Interfaces:** * **Analog Input:** +/- 10V for torque or speed setpoints. * **Digital I/O:** Configurable inputs for "Enable," "Limit Switches," and "Home," plus outputs for "Ready" or "Fault" status. * **Serial Interface:** Used for parameterization via PC software (e.g., using a specialized commissioning tool). --- ## 3. Maintenance and Diagnostics The electronic health of the WADS-3BA-R/Q can be monitored via the integrated 7-segment display or status LEDs. Common electronic failure points include: 1. **Input Rectifier:** Susceptible to voltage spikes from the main grid. 2. **Feedback Circuitry:** Sensitive to EMI (Electro-Magnetic Interference) if cabling is not properly shielded. 3. **Cooling Fans:** Failure to dissipate heat from the IGBTs can trigger a thermal shutdown. --- ## 4. Wiring Overview (Terminal Block) ```text [ L1 / L2 / L3 ] -> AC Power Input [ U / V / W ] -> Motor Output Phase [ PE ] -> Protective Earth (Crucial for EMI) [ X1 / X2 ] -> Feedback / Encoder Input [ X3 ] -> I/O and Control Signals ```
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the R and Q communication protocols for this drive?
    • ⤷ How do I troubleshoot an 'Overcurrent' error on the WADS-3BA series?
    • ⤷ Does this drive support STO (Safe Torque Off) functionality?