전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WCB15

  • AI
    The **WCB15** is a common identifier used for specific electronic components, most notably associated with high-power **Ceramic Wirewound Resistors** or specific **Power Supply Control Boards** (depending on the industry context). Below is a detailed breakdown of the electronic specifications and characteristics typically associated with the WCB15 series components. --- ### 1. WCB15 Ceramic Wirewound Resistor The WCB15 is most frequently a 15-Watt rated ceramic-encased wirewound resistor used for power dissipation and current limiting. #### Technical Specifications | Parameter | Specification | | :--- | :--- | | **Power Rating** | 15 Watts | | **Material** | Ceramic (Cement) Housing, Wirewound Element | | **Tolerance** | Usually ±5% or ±10% | | **Operating Temperature** | -55°C to +155°C (typical) | | **Core** | Fiberglass or Alumina Ceramic | | **Termination** | Radial or Axial Lead wires | #### Key Features * **Flameproof Construction:** The ceramic housing provides excellent protection against fire and high heat. * **High Insulation:** Excellent dielectric strength to prevent short-circuiting to the chassis. * **Shock Resistance:** The internal "cement" filling protects the wire element from physical vibration. --- ### 2. Common Applications Due to its 15W power rating, these parts are found in circuits that handle significant current: * **Power Supplies:** Used as "bleeder resistors" to discharge capacitors safely. * **Motor Controllers:** Used for soft-start circuits to limit inrush current. * **Audio Equipment:** Found in amplifier output stages or crossovers. * **Industrial Heating:** Small-scale heating elements or load banks. --- ### 3. Component Structure The internal architecture of a WCB15 resistor is designed for durability: 1. **Resistive Element:** A high-grade alloy wire (often Ni-Cr) wound around a ceramic core. 2. **Encapsulation:** The assembly is placed inside a rectangular ceramic boat. 3. **Filling:** A non-conductive, heat-resistant cement/silicon filler is poured in to secure the element. 4. **Leads:** Solder-plated copper or copper-clad steel leads for PCB mounting. --- ### 4. Identification Code Example When looking at a WCB15 part, you may see markings such as: `WCB15 100R J` * **WCB15:** Series/Wattage (15 Watts). * **100R:** Resistance Value (100 Ohms). * **J:** Tolerance Code (J = ±5%, K = ±10%).
    ✨ Follow-up Questions
    • What is the difference between WCB15 and a standard carbon film resistor?
    • How do I calculate if 15 Watts is sufficient for my circuit?
    • Can WCB15 resistors be mounted vertically to save PCB space?