전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WCT-1DC-R/Q

  • AI
    The **WCT-1DC-R/Q** refers to a series of **Wireless Charging Transmitter (WCT)** components typically associated with high-efficiency wireless power transfer solutions, such as those developed by manufacturers like NXP or specialized power module designers. Below is an explanation of the electronic parts and specifications associated with this type of wireless charging transmitter module. ### 1. Key Technical Specifications Wireless charging transmitters are designed to meet specific standards (like Qi) and handle precise power management tasks. | Feature | Description | | :--- | :--- | | **Input Voltage** | Typically 5V to 12V DC | | **Power Output** | Generally 5W to 15W (standard Qi levels) | | **Coil Configuration** | Single coil (1DC often denotes 1 coil, DC input) | | **Efficiency** | > 75% at peak load | | **Compliance** | Qi-certified / WPC (Wireless Power Consortium) standards | | **Protection** | FOD (Foreign Object Detection), Over-voltage, Over-current | --- ### 2. Core Electronic Components The internal architecture of a WCT-1DC transmitter consists of several critical subsystems: #### A. Power Controller (Microcontroller) The "brain" of the unit. It manages the communication between the transmitter and the receiver (phone/device) via back-scatter modulation. It regulates the PWM (Pulse Width Modulation) signal to control power delivery. #### B. Full-Bridge or Half-Bridge Inverter * **Function:** Converts the DC input into a high-frequency AC signal. * **Parts:** Usually consists of 4 MOSFETs (Full-bridge) or 2 MOSFETs (Half-bridge). These switch at frequencies typically between 110kHz and 205kHz. #### C. Resonance Tank (LC Circuit) * **L (Inductor):** The copper transmitter coil. * **C (Capacitors):** High-quality, low-ESR resonant capacitors (usually C0G/NP0 type) used to match the impedance and ensure efficient power transfer. #### D. Sensing & Protection Circuitry * **Current Sense Resistor:** Monitors the current flow to detect "Foreign Objects" (like coins or keys) that might heat up. * **Voltage Regulators:** Internal LDOs (Low Dropout Regulators) to provide stable 3.3V or 5V power to the onboard MCU. --- ### 3. Pinout and Integration In the "R/Q" variants (often referring to Reel/Quantity or specific design revisions), the modules typically feature the following pins for integration: 1. **VIN:** Main power supply input. 2. **GND:** Common ground. 3. **LED/Status:** Pins to drive external LEDs indicating "Charging," "Standby," or "Error." 4. **Buzzer (Optional):** Output for acoustic feedback upon successful coupling. 5. **I2C/UART:** Some professional versions include data pins for telemetry and firmware updates. --- ### 4. Typical Applications * **Automotive:** Integrated wireless pads in center consoles. * **Consumer Electronics:** Desktop charging stands and power banks. * **Industrial:** Sealed charging ports for ruggedized handheld devices. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the WCT-1DC and multi-coil transmitter designs?
    • ⤷ How does Foreign Object Detection (FOD) work in these modules?
    • ⤷ What are the thermal management requirements for the WCT-1DC?