전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WCT-54A-R

  • AI
    ### Overview of WCT-54A-R The **WCT-54A-R** is a specialized electronic component, typically categorized as a **Wireless Charging Transmitter** (often associated with automotive or industrial power solutions). It is designed to facilitate the wireless transfer of energy to a receiver unit using electromagnetic induction. --- ### Key Electronic Components & Specifications The device is comprised of several critical electronic sub-systems that allow for efficient power conversion and communication. | Feature | Description | | :--- | :--- | | **Power Controller** | Integrated IC responsible for PWM (Pulse Width Modulation) control. | | **Inverter Bridge** | Typically a Full-Bridge or Half-Bridge MOSFET configuration to convert DC to AC. | | **Resonant Tank** | A combination of high-Q induction coils and resonant capacitors (C0G/NP0 type). | | **Communication Interface** | Supports In-Band communication (back-scatter modulation) for handshake with the receiver. | | **Protection Circuitry** | Includes Over-Voltage (OVP), Over-Current (OCP), and Foreign Object Detection (FOD). | --- ### Functional Block Analysis #### 1. The Power Stage The core of the WCT-54A-R is the **DC-to-AC Inverter**. It takes the input voltage (usually 5V or 12V) and switches it at a high frequency (110kHz to 205kHz) to generate an alternating magnetic field via the primary coil. #### 2. Sensing and Feedback * **Current Sensing:** Uses shunt resistors or Hall-effect sensors to monitor power draw. * **Voltage Sensing:** Monitors the input rail to ensure stability. * **FOD (Foreign Object Detection):** The controller monitors the "Quality Factor" (Q-factor) and power loss. If a metal object (like a coin) interferes with the field, the system shuts down to prevent overheating. #### 3. Control Logic The "WCT" series often utilizes a dedicated MCU (Microcontroller Unit) that runs firmware compliant with the **Qi Standard**. This ensures interoperability with smartphones and other mobile devices. --- ### Technical Parameters ```yaml Standard: WPC Qi Compliant Input_Voltage: 5V / 9V / 12V DC Efficiency: > 70% (at rated load) Operating_Temp: -40°C to +85°C (Industrial Grade) Frequency_Range: 110 - 205 kHz ``` --- ### Applications * **Automotive Consoles:** Integrated charging pads in vehicles. * **Furniture Integration:** Embedded chargers in desks and lamps. * **Industrial Handhelds:** Waterproof charging for rugged devices.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power output (Wattage) supported by the WCT-54A-R?
    • ⤷ How does the Foreign Object Detection (FOD) circuit specifically identify non-charging metals?
    • ⤷ Which specific NXP or TI controller is most commonly paired with this transmitter module?