전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WCT-5AD-R/Q

  • AI
    The **WCT-5AD-R/Q** is a high-performance, multi-coil wireless power transmitter controller specifically designed for automotive applications. It is part of NXP Semiconductors' wireless charging solution, adhering to the **Qi (WPC)** wireless charging standards. --- ### ## Core Electronic Components & Architecture The WCT-5AD-R/Q is not just a simple chip; it represents a system-on-chip (SoC) architecture that manages the complex power conversion and communication required for wireless charging. | Component Category | Description | | :--- | :--- | | **Microcontroller Core** | Integrated 32-bit core (often ARM Cortex-based) to handle the WPC protocol stack and system management. | | **PWM Modules** | High-resolution Pulse Width Modulation units used to drive the power MOSFET bridge at specific frequencies (110kHz - 205kHz). | | **ADC Units** | High-speed Analog-to-Digital Converters used for monitoring voltage, current, and temperature for safety and PID control. | | **Communication Blocks** | Hardware support for FSK (Frequency Shift Keying) and ASK (Amplitude Shift Keying) to "talk" to the receiver (smartphone). | | **Timer Units** | Precise timers used to control the duty cycle and phase shift of the electromagnetic field. | --- ### ## Key Technical Specifications The "R/Q" variants typically denote specific automotive certifications and packaging (AEC-Q100 Grade 2). * **Standard Compliance:** WPC Qi v1.2.4 (or newer depending on firmware). * **Power Level:** Supports up to 15W (Extended Power Profile - EPP). * **Input Voltage:** Designed for 12V automotive battery systems (via a buck-boost converter). * **Coil Configuration:** Supports multi-coil arrays (e.g., MP-A8 or MP-A9) for improved charging spatial freedom. * **Safety Features:** * **FOD (Foreign Object Detection):** Detects metal objects to prevent overheating. * **Over-Voltage/Current/Temperature Protection.** --- ### ## Operational Flow 1. **Pinging:** The controller sends a digital signal to detect if a Qi-compatible device is placed on the coil. 2. **Identification & Configuration:** The controller reads the device's requirements (power level, version). 3. **Power Transfer:** The WCT-5AD-R/Q adjusts the PWM frequency/duty cycle to maintain the requested power. 4. **Feedback Loop:** The mobile device sends packets to the controller to increase or decrease power; the controller adjusts the H-bridge drivers accordingly. --- ### ## Comparison: Automotive vs. Consumer Versions | Feature | WCT-5AD-R/Q (Automotive) | Standard Consumer ICs | | :--- | :--- | :--- | | **Operating Temp** | -40°C to +105°C | 0°C to +70°C | | **EMI/EMC** | High (CISPR25 Class 5) | Standard FCC/CE | | **Reliability** | AEC-Q100 Certified | Standard Industrial |
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the R and Q suffixes in NXP WCT series?
    • ⤷ Which external MOSFETs are recommended for use with the WCT-5AD-R/Q controller?
    • ⤷ How does the Foreign Object Detection (FOD) algorithm work in this specific controller?