전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WCT-5CA-R

  • AI
    ## Overview of WCT-5CA-R The **WCT-5CA-R** is a specialized electronic component, typically categorized as a **Wireless Charging Transmitter (WCT)** coil assembly. These parts are integral to inductive charging systems, commonly following the Qi standard for wireless power transfer. --- ### Core Specifications and Technical Details The electronic design of the WCT-5CA-R revolves around its inductive properties and its ability to handle specific power loads. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Wireless Charging Transmission Coil | | **Configuration** | Multi-coil (usually 3-coil array) | | **Inductance** | ~10 µH to 12 µH (per coil) | | **DC Resistance (DCR)** | Low (typically < 100 mΩ) to minimize heat loss | | **Compliance** | Qi Standard Compatible | | **Material** | Ferrite plate with Litz wire | --- ### Key Electronic Components of the Assembly A "WCT" assembly like the 5CA-R is more than just a wire; it consists of several critical sub-parts: 1. **Litz Wire Coils**: - High-frequency AC flows through these. Litz wire is used to reduce the "skin effect," ensuring lower resistance and higher efficiency during power transmission. 2. **Ferrite Shielding (Base)**: - The magnetic sheet behind the coils directs the magnetic flux toward the receiver and prevents EMI (Electromagnetic Interference) from affecting the internal circuitry of the charging station. 3. **Resonance Capacitors (External)**: - While the 5CA-R is the coil part, it operates in an LC resonant circuit. It requires high-quality C0G/NP0 capacitors to maintain the specific frequency (usually 110-205 kHz). 4. **Adhesive/Insulation Layer**: - A thermal interface material or specialized tape that ensures physical stability and heat dissipation. --- ### Operating Principle The electronic functionality follows the laws of **Electromagnetic Induction**: * **Input**: The transmitter circuit (inverter) sends an alternating current through the WCT-5CA-R. * **Magnetic Field**: The coil generates an oscillating magnetic field. * **Coupling**: When a receiver coil (like in a smartphone) is placed nearby, the magnetic field induces a current in the receiver coil. * **Efficiency**: The "5CA" designation often refers to a specific coil geometry designed to provide a larger "sweet spot," meaning the device doesn't have to be perfectly centered to charge. --- ### Common Applications * **Automotive Chargers**: Integrated wireless charging pads in car consoles. * **Charging Stations**: High-end multi-device wireless docks. * **Industrial Terminals**: Ruggedized docks for handheld scanners or tablets.
    ✨ Follow-up Questions
    • ⤷ What is the difference between single-coil and multi-coil (like the 5CA-R) transmitters?
    • ⤷ How does the ferrite thickness affect the charging efficiency of this part?
    • ⤷ What are the thermal management requirements for the WCT-5CA-R during high-power transmission?