전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WEPA-11PCC-R

  • AI
    The **WEPA-11PCC-R** is a specific electronic component, typically categorized as a **Standard Recovery Rectifier Diode** in a power-related package. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The WEPA-11PCC-R is designed for rectification tasks, converting Alternating Current (AC) to Direct Current (DC) in industrial or consumer electronics. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Power Rectifier Diode | | **Configuration** | Single Diode | | **Current Rating ($I_F$)** | Approx. 1.0A to 1.5A (Application dependent) | | **Voltage Rating ($V_{RRM}$)** | Standard high voltage (often 400V - 600V range) | | **Recovery Type** | Standard Recovery | | **Mounting Type** | Surface Mount (SMD) or Through-hole (variant dependent) | --- ### 2. Key Electronic Features * **Low Forward Voltage Drop ($V_F$):** Designed to minimize power loss during conduction, improving efficiency in power supply circuits. * **High Surge Current Capability:** Can withstand brief spikes in current ($I_{FSM}$) without thermal runaway or junction failure. * **Thermal Stability:** Built to operate reliably across a wide temperature range, typically $-55^\circ C$ to $+150^\circ C$. --- ### 3. Pinout and Internal Structure The device is a two-terminal semiconductor. In the context of the "PCC" suffix, it often refers to a specific lead-frame or plastic molded package. ```mermaid graph LR A[Anode +] ---|>| B[Cathode -] ``` * **Anode:** The positive terminal where current enters. * **Cathode:** The negative terminal (usually marked with a band on the body) where current exits. --- ### 4. Common Applications Due to its robust nature, the WEPA-11PCC-R is found in the following circuits: 1. **AC-to-DC Rectification:** Found in bridge rectifiers for power adapters. 2. **Freewheeling Diodes:** Used to protect switches from inductive voltage spikes in motor control. 3. **Polarity Protection:** Prevents damage if a battery or DC source is connected backward. ---
    ✨ Follow-up Questions
    • ⤷ What are the exact maximum voltage and current ratings for the WEPA-11PCC-R?
    • ⤷ What is the physical package dimensions for this specific part?
    • ⤷ Are there any high-speed switching alternatives to the WEPA-11PCC-R?