WEPA-13PC3-R
AI

The **WEPA-13PC3-R** is a specific electronic component, typically categorized as an **AC/DC Power Adapter** or **Switching Power Supply** often used in industrial or consumer electronics (such as receipt printers, telecommunications, or POS systems).
Below is a breakdown of its technical specifications and electronic characteristics.
---
### 1. Technical Specifications
The following table outlines the typical electrical parameters for this unit:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage** | 100V – 240V AC (Universal) |
| **Input Frequency** | 50/60 Hz |
| **Output Voltage** | +24V DC |
| **Output Current** | 1.5A – 2.5A (Varies by sub-model) |
| **Power Rating** | Approx. 36W - 60W |
| **Connector Type** | 3-Pin Power DIN (Typically) |
| **Efficiency** | Level VI (Standard for modern switching supplies) |
---
### 2. Key Electronic Features
The WEPA-13PC3-R incorporates several internal protection circuits to ensure the safety of the connected hardware:
* **Switch-Mode Power Supply (SMPS):** It uses high-frequency switching to convert AC to DC, making it more efficient and lighter than linear power supplies.
* **Over-Voltage Protection (OVP):** Shuts down the unit if the output voltage exceeds a safe threshold to prevent frying the motherboard of the device.
* **Over-Current Protection (OCP):** Limits the current if the connected device tries to draw more power than the adapter can provide.
* **Short-Circuit Protection (SCP):** Automatically cuts power if a short is detected in the cable or the device.
---
### 3. Physical & Connection Details
* **DC Plug Pinout:** This model usually features a **3-Pin Mini-DIN** connector. It is crucial to verify the pin configuration (Polarity) before connecting, as improper polarity can damage the equipment.
* **LED Indicator:** Most versions include a small green LED to indicate that the unit is receiving AC power and converting it correctly.
* **EMI/RFI Filtering:** Contains internal ferrite beads and capacitors to reduce electromagnetic interference with other electronic devices.
---
### 4. Common Applications
This power supply is frequently found powering:
1. **Thermal Receipt Printers:** Commonly used in brands like Epson, Star Micronics, or Bixolon.
2. **POS Terminals:** Powering the main logic board and peripheral ports.
3. **Industrial Controls:** Small-scale automation units requiring a steady 24V rail.
- ⤷
What is the specific pinout for the 3-pin DIN connector on this model?
- ⤷ Can I use a higher amperage power supply as a replacement for the WEPA-13PC3-R?
- ⤷ What are the common signs of failure for this specific power adapter?