전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WI322522-R12JF

  • AI
    The **WI322522-R12JF** is a surface-mount (SMD) wire-wound chip inductor commonly used in high-frequency circuits. It is part of the "3225" series, which refers to its physical dimensions. ### 1. Technical Specifications The part number follows a standard coding convention that reveals its electrical characteristics: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Inductance** | 0.12 µH (120 nH) | Indicated by "R12" | | **Tolerance** | ±5% | Indicated by "J" | | **Size Code** | 3225 (EIA 1210) | 3.2mm x 2.5mm | | **Material** | Wire-wound Ferrite | High Q-factor and stability | | **Termination** | Lead-free (F) | RoHS compliant | --- ### 2. Breakdown of the Part Number * **WI**: Series prefix (Wire-wound Inductor). * **322522**: Dimensions (Length: 3.2mm, Width: 2.5mm, Height: 2.2mm). * **R12**: Resistance/Inductance value. "R" acts as a decimal point for microhenries (0.12 µH). * **J**: Tolerance code (J = ±5%, K = ±10%). * **F**: Environmental standard (Lead-Free / RoHS). --- ### 3. Key Electronic Characteristics Wire-wound inductors like the WI322522 series are chosen over multilayer inductors for specific performance reasons: * **High Q-Factor:** They maintain low energy loss at high frequencies, making them ideal for RF tuning and resonance circuits. * **High Self-Resonant Frequency (SRF):** Because of the 0.12 µH rating, this component can operate at very high frequencies before behaving like a capacitor. * **Current Handling:** The wire-wound structure allows for a higher Rated Current (Idc) compared to thin-film alternatives of the same size. * **Low DCR:** It features low Direct Current Resistance, minimizing heat generation and voltage drops. --- ### 4. Typical Applications * **RF Communications:** Used in mobile phones, GPS receivers, and Wi-Fi modules for impedance matching. * **Filtering:** Employed in high-frequency signal lines to suppress noise. * **Oscillators:** Acts as a frequency-determining element in LC circuits.
    ✨ Follow-up Questions
    • ⤷What is the maximum rated current for the WI322522-R12JF?
    • ⤷ How does a wire-wound inductor compare to a multilayer ceramic inductor?
    • ⤷ What are the soldering recommendations for 3225 size SMD components?