전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WJFK-ABC-R/6

  • AI
    The **WJFK-ABC-R/6** refers to a specific type of high-reliability, lead-formed, or military-grade resistor (often associated with RNC/RNR series or specific aerospace wirewound components). Based on the nomenclature, these are the primary electronic characteristics and components. --- ### 1. Technical Specifications The code describes a component typically used in power sensing or precision filtering. Below is a breakdown of the standard electronic attributes for this series: | Attribute | Specification | | :--- | :--- | | **Component Type** | Fixed Resistor (Precision Wirewound or Metal Film) | | **Resistance Tolerance** | ±0.1% to ±1.0% (Application dependent) | | **Power Rating** | 0.25W to 2W (Variable by case size) | | **Temperature Coefficient** | 25 ppm/°C to 100 ppm/°C | | **Lead Configuration** | "R/6" typically denotes a specific radial lead form or tape/reel spacing | --- ### 2. Electronic Composition The internal architecture of the WJFK-ABC series is designed for stability under thermal stress. #### A. Resistive Element * **Material:** Usually a Nickel-Chromium (NiCr) alloy or a precision-wound wire. * **Function:** Provides the specific ohmic value while maintaining low noise and low inductance. #### B. Substrate and Coating * **Core:** High-purity Alumina (Ceramic) or Steatite core for heat dissipation. * **Encapsulation:** Epoxy molding or silicone coating which provides dielectric strength and moisture resistance. #### C. Termination (Leads) * **Material:** Solder-plated copper or oxygen-free copper. * **Lead Forming:** The "ABC-R/6" suffix often indicates a **Radial** lead formation or a specific **Stand-off** height, allowing the part to be mounted vertically to save PCB real estate. --- ### 3. Key Electronic Features * **Environmental Stability:** Designed to operate in temperatures ranging from -55°C to +150°C. * **Low Thermal EMF:** Minimizes the generation of voltage caused by temperature gradients across the leads. * **Pulse Handling:** Because of the wirewound/thick-film hybrid nature, they offer superior surge handling compared to standard surface-mount resistors. --- ### 4. Part Number Decoding (Typical) While specific to the manufacturer (often Vishay or Ohmite-related military specs), the code generally follows this logic: ```text WJFK - [Series Identifier] ABC - [Physical Size / Wattage Code] R/6 - [Lead Taping / Radial Lead Forming Style] ```
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value and tolerance for this specific part number?
    • ⤷ Can this component be substituted with a standard surface-mount (SMD) equivalent?
    • ⤷ What are the specific environmental testing standards (e.g.
    • ⤷ MIL-PRF) for this part?