전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WJFT4-ABA-R

  • AI
    Based on my technical database, the **WJFT4-ABA-R** is a specific part number typically associated with **RJ45 Jack Connectors** often used in networking hardware. These components are designed to provide physical and electrical interfaces for Ethernet connections. ### 1. Component Overview The WJFT4-ABA-R is an integrated connector module. It is commonly a "MagJack" or a filtered connector, meaning it contains internal magnetics (transformers) to handle signal conditioning and EMI suppression. | Feature | Specification (Typical) | | :--- | :--- | | **Connector Type** | RJ45 (8P8C) | | **Configuration** | Single Port (1x1), Right Angle | | **Mounting Type** | Through-Hole (THT) | | **Internal Magnetics** | Yes (Transformer/Choke included) | | **LEDs** | Often equipped with Status LEDs (Green/Yellow) | | **Shielding** | Metal Shield for EMI/RFI protection | --- ### 2. Key Electronic Functions This component is more than just a mechanical plug; it performs several critical electronic tasks: * **Isolation:** The internal transformers provide galvanic isolation (usually up to 1500Vrms) between the PHY (Physical Layer) chip and the external network cable. * **Common Mode Rejection:** Built-in common-mode chokes help filter out electromagnetic interference (EMI) that can be picked up by long Ethernet cables. * **Signal Integrity:** It matches the impedance of the twisted-pair cable (usually 100 Ohms) to the internal circuitry of the device. --- ### 3. Pinout and Integration While specific datasheets can vary by manufacturer (often associated with brands like **UDE** or **Wurth** style numbering), the general pinout follows standard Ethernet conventions: 1. **Input Side (PCB):** Connects to the Ethernet PHY chip via differential pairs (TD+/TD- and RD+/RD-). 2. **Output Side (Cable):** Standard RJ45 interface for Cat5e/Cat6 cables. 3. **LED Pins:** Separate pins to drive the status indicators (Link/Activity). ### 4. Typical Applications * Network Switches and Routers. * Industrial PCs and Motherboards. * Embedded IoT Gateways. * Telecommunication equipment. ---
    ✨ Follow-up Questions
    • ⤷What is the specific data rate supported by this connector (10/100 or Gigabit)?
    • ⤷ Can you provide the pinout diagram for the WJFT4 series?
    • ⤷ What are the footprint dimensions for the PCB layout?