전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • WJFX-6D2-R

  • AI
    The **WJFX-6D2-R** is a specific electronic component, typically categorized as a **Microphone Unit** or a **MEMS (Micro-Electro-Mechanical Systems) Microphone**. These parts are widely used in consumer electronics for high-quality audio capture in compact spaces. --- ### 1. General Specifications While specific datasheets can vary by manufacturer (often associated with brands like *Kingstate* or *STMicroelectronics*), the "WJFX" series generally follows these technical parameters: | Parameter | Typical Value | | :--- | :--- | | **Type** | MEMS Microphone | | **Directivity** | Omnidirectional | | **Interface** | Analog or Digital (PDM) | | **Operating Voltage** | 1.5V to 3.6V DC | | **Sensitivity** | -42dB to -38dB (varies by model) | | **S/N Ratio** | 58dB - 64dB | | **Package Size** | Compact Surface Mount (SMD) | --- ### 2. Key Electronic Features * **MEMS Technology:** Unlike traditional electret microphones, this part uses a silicon-etched pressure-sensitive diaphragm. This allows for high heat resistance (ideal for reflow soldering) and excellent consistency between units. * **Low Power Consumption:** Designed for battery-operated devices, typically drawing less than 500µA during operation. * **High Acoustic Overload Point (AOP):** Capable of capturing loud sounds without clipping or distortion, making it suitable for noisy environments. * **RFI/EMI Shielding:** The "R" suffix often denotes specific RoHS compliance or enhanced shielding against Radio Frequency Interference (crucial for smartphones and IoT devices). --- ### 3. Pinout and Integration The WJFX-6D2-R is usually a **Bottom-Port** or **Top-Port** device. In a standard analog configuration, the pinout typically includes: 1. **VDD:** Power supply input. 2. **GND:** Ground connection (also serves as the acoustic seal). 3. **Output:** The electrical signal output (Analog voltage or Digital bitstream). --- ### 4. Common Applications Due to its small footprint and reliability, this part is found in: * **Smartphones and Tablets:** For primary voice capture or noise cancellation. * **Wearables:** Smartwatches and fitness trackers. * **IoT Devices:** Smart home assistants (Alexa/Google Home mini-clones). * **Laptops:** Integrated webcam/microphone arrays. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between Top-Port and Bottom-Port MEMS microphones?
    • ⤷ How do I interpret the sensitivity rating in dB for this part?
    • ⤷ What is the recommended reflow soldering profile for the WJFX series?